Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 256 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 256 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 252Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 253Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 254Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 255Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 256Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 257Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 258Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 259Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 260Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 293 page
background image
PSD module
uPSD34xx
256/293
28.6.6
Recommended JTAG connector
There is no industry standard JTAG connector. STMicroelectronics recommends a specific
JTAG connector and pinout for uPSD3xxx so programming and debug equipment will easily
connect to the circuit board. The user does not have to use this connector if there is a
different connection scheme.
The recommended connector scheme can accept a standard 14-pin ribbon cable connector
(2 rows of 7 pins on 0.1” centers, 0.025” square posts, standard keying) as shown in
Figure 94. See the STMicroelectronics “FlashLINK, FL-101 User Manual” for more
information.
Figure 94.
Recommended JTAG connector
28.6.7
Chaining uPSD34xx devices
It is possible to chain a uPSD34xx device with other uPSD34xx devices on a circuit board,
and also chain with IEEE 1149.1 compliant devices from other manufacturers. Figure 95 on
page 257 shows a chaining example. The TDO of one device connects to the TDI of the next
device, and so on. Only one device is performing JTAG operations at any given time while
the other two devices are in BYPASS mode. Configuration for JTAG chaining can be made in
PSDsoft Express by choosing “More than one device” when prompted about chaining
devices. Notice in Figure 95 on page 257 that the uPSD34xx devices are chained externally,
but also be aware that the two die within each uPSD34xx device are chained internally. This
internal chaining of die is transparent to the user and is taken care of by PSDsoft Express
and 3rd party JTAG tool software.
The example in Figure 95 on page 257 also shows how to use 6-pin JTAG when chaining
devices. The signals TSTAT and TERR are configured as open-drain type signals from
PSDsoft Express. This facilitates a wired-OR connection of TSTAT signals from multiple
uPSD34xx devices and also a wired-OR connection of TERR signals from those same
multiple devices. PSDsoft Express puts TSTAT and TERR signals into open-drain mode by
default, requiring external pull-up resistors. Click on 'Properties' in the JTAG-ISP window of
PSDsoft Express to change to standard CMOS push-pull outputs if desired, but wired-OR
logic is not possible in CMOS output mode.
TDO
TCK
TMS
VCC
TDI
GND
JEN
TERR
GND
GND
RST
TSTAT
CNTL
TRST
14
12
10
13
11
9
7
8
6
5
4
3
2
1
KEY
WAY
VIEW: Looking into face of shrouded
male connector, with 0.025"
posts on 0.1" centers.
Connector reference:
Molex 70247-1401
This connector accepts a 14-pin
ribbon cable such as:
• Samtec:
HCSD-07-D-06.00-01-S-N
• Digikey:
M3CCK-14065-ND
AI09187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com