Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP88CS43FG Datasheet(PDF) 72 Page - Toshiba Semiconductor

Part # TMP88CS43FG
Description  8 Bit Microcontroller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS43FG Datasheet(HTML) 72 Page - Toshiba Semiconductor

Back Button TMP88CS43FG Datasheet HTML 68Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 69Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 70Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 71Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 72Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 73Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 74Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 75Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 76Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 218 page
background image
Page 62
7. Watchdog Timer (WDT)
7.2 Watchdog Timer Control
TMP88CS43FG
7.2 Watchdog Timer Control
The watchdog timer is controlled by the watchdog timer control registers (WDTCR1 and WDTCR2). The watch-
dog timer is automatically enabled after the reset release.
7.2.1 Malfunction Detection Methods Using the Watchdog Timer
The CPU malfunction is detected, as shown below.
1. Set the detection time, select the output, and clear the binary counter.
2. Clear the binary counter repeatedly within the specified detection time.
If the CPU malfunctions such as endless loops or the deadlock conditions occur for some reason, the watch-
dog timer output is activated by the binary-counter overflow unless the binary counters are cleared. When
WDTCR1<WDTOUT> is set to “1” at this time, the reset request is generated and then internal hardware is
initialized. When WDTCR1<WDTOUT> is set to “0”, a watchdog timer interrupt (INTWDT) is generated.
The watchdog timer temporarily stops counting in the STOP mode including the warm-up or IDLE mode,
and automatically restarts (continues counting) when the STOP/IDLE mode is inactivated.
Note:The watchdog timer consists of an internal divider and a two-stage binary counter. When the clear code 4EH
is written, only the binary counter is cleared, but not the internal divider. The minimum binary-counter overflow
time, that depends on the timing at which the clear code (4EH) is written to the WDTCR2 register, may be 3/
4 of the time set in WDTCR1<WDTT>. Therefore, write the clear code using a cycle shorter than 3/4 of the
time set to WDTCR1<WDTT>.
Example :Setting the watchdog timer detection time to 221/fc [s], and resetting the CPU malfunction detection
LD
(WDTCR2), 4EH
: Clears the binary counters.
LD
(WDTCR1), 00001101B
: WDTT
← 10, WDTOUT ← 1
LD
(WDTCR2), 4EH
: Clears the binary counters (always clears immediately before and
after changing WDTT).
Within 3/4 of WDT
detection time
:
:
LD
(WDTCR2), 4EH
: Clears the binary counters.
Within 3/4 of WDT
detection time
:
:
LD
(WDTCR2), 4EH
: Clears the binary counters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com