Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP88CS43FG Datasheet(PDF) 95 Page - Toshiba Semiconductor

Part # TMP88CS43FG
Description  8 Bit Microcontroller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS43FG Datasheet(HTML) 95 Page - Toshiba Semiconductor

Back Button TMP88CS43FG Datasheet HTML 91Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 92Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 93Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 94Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 95Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 96Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 97Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 98Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 99Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 218 page
background image
Page 85
TMP88CS43FG
Note 1: fc: Clock [Hz]
Note 2: Make sure the timer/counter is idle (CTC1CR1<CTC1SM, CTC1S> = 00) before setting operation mode, edge, start,
source clock, external trigger timer mode control, and PPG output control.
Note 3: The CTC1DRB and CTC1DRC Registers cannot be accessed for write unless they are set for PPG output mode and
specified with CTC1CR2<CTC1REG>.
Note 4: CTC1CR1<CTC1E> is effective only when using an external clock as trigger (CTC1CR1<CTC1SM>).
Note 5: Data must be written to as many data registers as set with CTC1CR2<CTC1REG>.
Note 6: To write data to CTC1DRA/B/C, use the LDW instruction, or use the LD instruction writing in order of L, H.
Note 7: Data register values must be written to the respective registers before starting. To modify the values after starting, write
the new data within an interval from an INTCTC1 interrupt to the next INTCTC1.
Note 8: Specifying CTC1CR1<CTC1RES> = 1 causes all conditions to be reset. Even when the CTC circuit is operating, they are
reset, and the PPG output becomes “0”. However, only the INTCTC1 signal is not reset if the signal is being generated.
Note 9: For event counter mode (when CTC pin input is selected in timer mode), the active edge of the external trigger to count
can be selected with CTC1CR1<CTC1SE>.
Note 10:Disabling external trigger input with CTC1CR2<EXTRGDIS> creates the 0 input state.
Note 11:To stop the counter by software at trigger start, set CTC1CR2<CTC1SM, CTC1S> = 00.
Setting-up the CTC1CR1 Register
CTC1S
Control start
0: Stop and clear counter
1: Command start
Timer
Event
PPG
R/W
οοο
οοο
CTC1SM
Select start
0: Software start
1: External trigger start
οοο
ο×ο
CTC1E
Select external trigger edge
0: Enable one edge
1: Enable both edges
οοο
ο×ο
CTC1SE
Select external trigger start
edge
0: Rising edge
1: Falling edge
οοο
οοο
CTC1CY
Select cycle
0: Successive
1: One shot
οοο
ο×ο
CTC1M
Set operation mode
0: Timer/Event counter modes
1: PPG (programmable pulse generator) output mode
PPGFF0
Select PPG output
0: Forward output immediately after start
1: Reverse output immediately after start
CTC1RES
Reset all
0: Normal operation
1: CTC1 reset
Setting-up the CTC1CR2 Register
CTC1FF0
Control timer output F/F0
0: Clear
1: Set
R/W
CTC1CK
Select timer/counter clock
source
Unit: Hz
NORMAL and IDLE Modes
DV1CK = 0
DV1CK = 1
000
fc/211
fc/212
001
fc/27
fc/28
010
fc/25
fc/26
011
fc/23
fc/24
100
fc/22
fc/23
101
fc/2
fc/22
110
-
-
111
External clock input (CTC1 pin input)
CTC1REG
Set registers used by timer/
counter
00: CTC1DRA
01: CTC1DRA + CTC1DRB
10: CTC1DRA + CTC1DRB + CTC1DRC
11: Reserved
1REG
2REG
3REG
EXTRGDIS
External trigger input
0: Enable external trigger input
1: Disable external trigger input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com