Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP88CS43FG Datasheet(PDF) 80 Page - Toshiba Semiconductor

Part # TMP88CS43FG
Description  8 Bit Microcontroller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS43FG Datasheet(HTML) 80 Page - Toshiba Semiconductor

Back Button TMP88CS43FG Datasheet HTML 76Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 77Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 78Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 79Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 80Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 81Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 82Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 83Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 84Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 218 page
background image
Page 70
8. 16-Bit TimerCounter 1 (TC1)
8.3 Function
TMP88CS43FG
8.3 Function
TimerCounter 1 has six types of operating modes: timer, external trigger timer, event counter, window, pulse width
measurement, programmable pulse generator output modes.
8.3.1 Timer mode
In the timer mode, the up-counter counts up using the internal clock. When a match between the up-counter
and the timer register 1A (TC1DRA) value is detected, an INTTC1 interrupt is generated and the up-counter is
cleared. After being cleared, the up-counter restarts counting. Setting TC1CR<ACAP1> to “1” captures the up-
counter value into the timer register 1B (TC1DRB) with the auto-capture function. Use the auto-capture
function in the operative condition of TC1. A captured value may not be fixed if it's read after the execution of
the timer stop or auto-capture disable. Read the capture value in a capture enabled condition. Since the up-
counter value is captured into TC1DRB by the source clock of up-counter after setting TC1CR<ACAP1> to
"1". Therefore, to read the captured value, wait at least one cycle of the internal source clock before reading
TC1DRB for the first time.
Table 8-1
Source Clock for TimerCounter 1 (Example: fc = 20 MHz)
TC1CK
NORMAL, IDLE Mode
DV1CK = 0
DV1CK = 1
Resolution
[
µs]
Maximum Time
Setting [s]
Resolution
[
µs]
Maximum Time
Setting [s]
00
102.4
6.7108
204.8
13.4216
01
6.4
0.4194
12.8
0.8388
10
0.5
26.214 m
0.8
52.428 m
Example 1 :Setting the timer mode with source clock fc/211 [Hz] and generating an interrupt 1 second later
(fc
= 20 MHz, CGCR<DV1CK> = “0”)
LDW
(TC1DRA), 2625H
; Sets the timer register (1 s
÷ 211/fc = 2625H)
DI
; IMF
= “0”
SET
(EIRD). 2
; Enables INTTC1
EI
; IMF
= “1”
LD
(TC1CR), 00000000B
; Selects the source clock and mode
LD
(TC1CR), 00010000B
; Starts TC1
Example 2 :Auto-capture
LD
(TC1CR), 01010000B
; ACAP1
← 1
:
:
; Wait at least one cycle of the internal source clock
LD
WA, (TC1DRB)
; Reads the capture value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com