Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP88CS43FG Datasheet(PDF) 79 Page - Toshiba Semiconductor

Part # TMP88CS43FG
Description  8 Bit Microcontroller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS43FG Datasheet(HTML) 79 Page - Toshiba Semiconductor

Back Button TMP88CS43FG Datasheet HTML 75Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 76Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 77Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 78Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 79Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 80Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 81Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 82Page - Toshiba Semiconductor TMP88CS43FG Datasheet HTML 83Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 218 page
background image
Page 69
TMP88CS43FG
Note 5: To set the timer registers, the following relationship must be satisfied.
TC1DRA > TC1DRB > 1 (PPG output mode), TC1DRA > 1 (other modes)
Note 6: Set TC1CR<TFF1> to “0” in the mode except PPG output mode.
Note 7: Set TC1DRB after setting TC1CR<TC1M> to the PPG output mode.
Note 8: When the STOP mode is entered, the start control (TC1CR<TC1S>) is cleared to “00” automatically, and the timer stops.
After the STOP mode is exited, set the TC1CR<TC1S> to use the timer counter again.
Note 9: Use the auto-capture function in the operative condition of TC1. A captured value may not be fixed if it's read after the
execution of the timer stop or auto-capture disable. Read the capture value in a capture enabled condition.
Note 10:Since the up-counter value is captured into TC1DRB by the source clock of up-counter after setting TC1CR<ACAP1> to
"1". Therefore, to read the captured value, wait at least one cycle of the internal source clock before reading TC1DRB for
the first time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com