Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86PM49NG Datasheet(PDF) 38 Page - Toshiba Semiconductor

Part # TMP86PM49NG
Description  8 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM49NG Datasheet(HTML) 38 Page - Toshiba Semiconductor

Back Button TMP86PM49NG Datasheet HTML 34Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 35Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 36Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 37Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 38Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 39Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 40Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 41Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 42Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 262 page
background image
Page 22
2. Operational Description
2.2 System Clock Controller
TMP86PM49NG
2.2.4.2 IDLE1/2 mode and SLEEP1/2 mode
IDLE1/2 and SLEEP1/2 modes are controlled by the system control register 2 (SYSCR2) and maskable
interrupts. The following status is maintained during these modes.
1. Operation of the CPU and watchdog timer (WDT) is halted. On-chip peripherals continue to
operate.
2. The data memory, CPU registers, program status word and port output latches are all held in the
status in effect before these modes were entered.
3. The program counter holds the address 2 ahead of the instruction which starts these modes.
Figure 2-10 IDLE1/2 and SLEEP1/2 Modes
Reset
Reset input
“0”
“1” (Interrupt release mode)
Yes
No
No
CPU and WDT are halted
Interrupt request
IMF
Interrupt processing
Normal
release mode
Yes
Starting IDLE1/2 and
SLEEP1/2 modes by
instruction
Execution of the instruc-
tion which follows the
IDLE1/2 and SLEEP1/2
modes start instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com