Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86PM49NG Datasheet(PDF) 45 Page - Toshiba Semiconductor

Part # TMP86PM49NG
Description  8 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM49NG Datasheet(HTML) 45 Page - Toshiba Semiconductor

Back Button TMP86PM49NG Datasheet HTML 41Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 42Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 43Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 44Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 45Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 46Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 47Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 48Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 49Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 262 page
background image
Page 29
TMP86PM49NG
(2) Switching from SLOW1 mode to NORMAL2 mode
Note: After SYSCK is cleared to “0”, executing the instructions is continiued by the low-frequency clock
for the period synchronized with low-frequency and high-frequency clocks.
First, set SYSCR2<XEN> to turn on the high-frequency oscillation. When time for stabilization
(Warm up) has been taken by the timer/counter (TC6,TC5), clear SYSCR2<SYSCK> to switch the
main system clock to the high-frequency clock.
SLOW mode can also be released by inputting low level on the RESET pin. After releasing reset, the
operation mode is started from NORMAL1 mode.
Example :Switching from the SLOW1 mode to the NORMAL2 mode (fc = 16 MHz, warm-up time is 4.0 ms).
SET
(SYSCR2). 7
; SYSCR2<XEN>
1 (Starts high-frequency oscillation)
LD
(TC5CR), 63H
; Sets mode for TC6, 5 (16-bit mode, fc for source)
LD
(TC6CR), 05H
; Sets warming-up counter mode
LD
(TTREG6), 0F8H
; Sets warm-up time
DI
; IMF
0
SET
(EIRE). 2
; Enables INTTC6
EI
; IMF
1
SET
(TC6CR). 3
; Starts TC6, 5
:
PINTTC6:
CLR
(TC6CR). 3
; Stops TC6, 5
CLR
(SYSCR2). 5
; SYSCR2<SYSCK>
0
(Switches the main system clock to the high-frequency clock)
RETI
:
VINTTC6:
DW
PINTTC6
; INTTC6 vector table
High-frequency clock
Low-frequency clock
Main system clock
SYSCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com