Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86PM49NG Datasheet(PDF) 84 Page - Toshiba Semiconductor

Part # TMP86PM49NG
Description  8 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM49NG Datasheet(HTML) 84 Page - Toshiba Semiconductor

Back Button TMP86PM49NG Datasheet HTML 80Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 81Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 82Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 83Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 84Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 85Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 86Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 87Page - Toshiba Semiconductor TMP86PM49NG Datasheet HTML 88Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 262 page
background image
Page 68
6. Watchdog Timer (WDT)
6.2 Watchdog Timer Control
TMP86PM49NG
6.2.3 Watchdog Timer Disable
To disable the watchdog timer, set the register in accordance with the following procedures. Setting the reg-
ister in other procedures causes a malfunction of the microcontroller.
1. Set the interrupt master flag (IMF) to “0”.
2. Set WDTCR2 to the clear code (4EH).
3. Set WDTCR1<WDTEN> to “0”.
4. Set WDTCR2 to the disable code (B1H).
Note:While the watchdog timer is disabled, the binary counters of the watchdog timer are cleared.
6.2.4 Watchdog Timer Interrupt (INTWDT)
When WDTCR1<WDTOUT> is cleared to “0”, a watchdog timer interrupt request (INTWDT) is generated
by the binary-counter overflow.
A watchdog timer interrupt is the non-maskable interrupt which can be accepted regardless of the interrupt
master flag (IMF).
When a watchdog timer interrupt is generated while the other interrupt including a watchdog timer interrupt
is already accepted, the new watchdog timer interrupt is processed immediately and the previous interrupt is
held pending. Therefore, if watchdog timer interrupts are generated continuously without execution of the
RETN instruction, too many levels of nesting may cause a malfunction of the microcontroller.
To generate a watchdog timer interrupt, set the stack pointer before setting WDTCR1<WDTOUT>.
Example :Disabling the watchdog timer
DI
: IMF
0
LD
(WDTCR2), 04EH
: Clears the binary counter
LDW
(WDTCR1), 0B101H
: WDTEN
0, WDTCR2 Disable code
Table 6-1 Watchdog Timer Detection Time (Example: fc = 16.0 MHz, fs = 32.768 kHz)
WDTT
Watchdog Timer Detection Time[s]
NORMAL1/2 mode
SLOW
mode
DV7CK = 0
DV7CK = 1
00
2.097
4
4
01
524.288 m
1
1
10
131.072 m
250 m
250 m
11
32.768 m
62.5 m
62.5 m
Example :Setting watchdog timer interrupt
LD
SP, 043FH
: Sets the stack pointer
LD
(WDTCR1), 00001000B
: WDTOUT
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com