Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CM29BUG Datasheet(PDF) 70 Page - Toshiba Semiconductor

Part # TMP86CM29BUG
Description  8 Bit Microcontroller
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM29BUG Datasheet(HTML) 70 Page - Toshiba Semiconductor

Back Button TMP86CM29BUG Datasheet HTML 66Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 67Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 68Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 69Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 70Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 71Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 72Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 73Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 74Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 196 page
background image
Page 56
5. I/O Ports
5.5 Port P6 (P67 to P60)
TMP86CM29BUG
5.5 Port P6 (P67 to P60)
Port P6 is an 8-bit input/output port which can be configured as an input or an output in one-bit unit. Port P6 is also
used as an analog input, Key on Wake up input, timer/counter input and external interrupt input. Input/output modes
is specified by the P6 control register (P6CR), the P6 output latch (P6DR), and ADCCR1<AINDS>. During reset,
P6CR and P6DR are initialized to “0” and ADCCR1<AINDS> is set to “1”. At the same time, the input data of pins
P67 to P60 are fixed to “0”. To use port P6 as an input port, external interrupt input, timer/counter input or key on
wake up input, set data of P6DR to “1” and P6CR to “0”. To use it as an output port, set data of P6CR to “1”. To use
it as an analog input, set data of P6DR to “0” and P6CR to “0”, and start the AD. It is the penetration electric current
measures by the analog voltage.
Pins not used for analog input can be used as I/O ports. During AD conversion, output instructions should not be
executed to keep a precision. In addition, a variable signal should not be input to a port adjacent to the analog input
during AD conversion.
When the AD converter is in use (P6DR=0), bits mentioned above are read as “0” by executing input instructions.
Figure 5-6 Port P6
Data input (P6DR)
Data output (P6DR)
Key on wake up
Analog input
STOPj
STOP
Control input
AINDS
SAIN
P6CRi
P6CRi input
P6i
Note 1: i = 7 to 0, j = 7 to 4
Note 2: STOP is bit 7 in SYSCR1
Note 3: SAIN is bit 0 to 3 in ADCCRA
Note 4: STOPj is bit 4 to 7 in STOPCR.
D
Q
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com