Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CM29BUG Datasheet(PDF) 77 Page - Toshiba Semiconductor

Part # TMP86CM29BUG
Description  8 Bit Microcontroller
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM29BUG Datasheet(HTML) 77 Page - Toshiba Semiconductor

Back Button TMP86CM29BUG Datasheet HTML 73Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 74Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 75Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 76Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 77Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 78Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 79Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 80Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 81Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 196 page
background image
Page 63
TMP86CM29BUG
6.2.5 Watchdog Timer Reset
When a binary-counter overflow occurs while WDTCR1<WDTOUT> is set to “1”, a watchdog timer reset
request is generated. When a watchdog timer reset request is generated, the RESET pin outputs a low-level sig-
nal and the internal hardware is reset. The reset time is maximum 24/fc [s] (1.5
µs @ fc = 16.0 MHz).
Note:When a watchdog timer reset is generated in the SLOW1 mode, the reset time is maximum 24/fc (high-fre-
quency clock) since the high-frequency clock oscillator is restarted. However, when crystals have inaccura-
cies upon start of the high-frequency clock oscillator, the reset time should be considered as an approximate
value because it has slight errors.
Figure 6-2 Watchdog Timer Interrupt/Reset
Clock
Binary counter
Overflow
INTWDT interrupt request
(WDTCR1<WDTOUT>= "0")
217/fc
219/fc [s]
(WDTT=11)
Write 4EH to WDTCR2
1
2
30
1
2
3
0
Internal reset
(WDTCR1<WDTOUT>= "1")
WDT reset output
(High-Z)
A reset occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com