Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CM29BUG Datasheet(PDF) 30 Page - Toshiba Semiconductor

Part # TMP86CM29BUG
Description  8 Bit Microcontroller
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM29BUG Datasheet(HTML) 30 Page - Toshiba Semiconductor

Back Button TMP86CM29BUG Datasheet HTML 26Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 27Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 28Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 29Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 30Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 31Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 32Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 33Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 34Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 196 page
background image
Page 16
2. Operational Description
2.2 System Clock Controller
TMP86CM29BUG
Note 1: NORMAL1 and NORMAL2 modes are generically called NORMAL; SLOW1 and SLOW2 are called SLOW; IDLE0, IDLE1
and IDLE2 are called IDLE; SLEEP0, SLEEP1 and SLEEP2 are called SLEEP.
Note 2: The mode is released by falling edge of TBTCR<TBTCK> setting.
Figure 2-6 Operating Mode Transition Diagram
Table 2-1 Operating Mode and Conditions
Operating Mode
Oscillator
CPU Core
TBT
Other
Peripherals
Machine Cycle
Time
High
Frequency
Low
Frequency
Single clock
RESET
Oscillation
Stop
Reset
Reset
Reset
4/fc [s]
NORMAL1
Operate
Operate
Operate
IDLE1
Halt
IDLE0
Halt
STOP
Stop
Halt
–
Dual clock
NORMAL2
Oscillation
Oscillation
Operate with
high frequency
Operate
Operate
4/fc [s]
IDLE2
Halt
SLOW2
Operate with
low frequency
4/fs [s]
SLEEP2
Halt
SLOW1
Stop
Operate with
low frequency
SLEEP1
Halt
SLEEP0
Halt
STOP
Stop
Halt
–
Note 2
SYSCR2<XEN> = "1"
STOP pin input
STOP pin input
STOP pin input
Interrupt
Interrupt
SYSCR2<XEN> = "0"
SYSCR2<SYSCK> = "1"
SYSCR2<XTEN> = "0"
SYSCR2<SYSCK> = "0"
SYSCR1<STOP> = "1"
SYSCR1<STOP> = "1"
SYSCR1<STOP> = "1"
SYSCR2<IDLE> = "1"
SYSCR2<IDLE> = "1"
Interrupt
SYSCR2<IDLE> = "1"
SYSCR2<IDLE> = "1"
Interrupt
SYSCR2<TGHALT> = "1"
Reset release
NORMAL1
mode
IDLE0
mode
(a) Single-clock mode
IDLE1
mode
NORMAL2
mode
IDLE2
mode
SYSCR2<XTEN> = "1"
SLOW2
mode
SLEEP2
mode
SLOW1
mode
SLEEP1
mode
SLEEP0
mode
RESET
(b) Dual-clock mode
STOP
SYSCR2<TGHALT> = "1"
Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com