Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CM29BUG Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # TMP86CM29BUG
Description  8 Bit Microcontroller
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM29BUG Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button TMP86CM29BUG Datasheet HTML 11Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 12Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 13Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 14Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 15Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 16Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 17Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 18Page - Toshiba Semiconductor TMP86CM29BUG Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 196 page
background image
Page 1
060116EBP
TMP86CM29BUG
CMOS 8-Bit Microcontroller
• The information contained herein is subject to change without notice. 021023_D
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can
malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when
utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations
in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most
recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling Guide for
Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc. 021023_A
• The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equip-
ment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither
intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunctionor failure of
which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments,
airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instru-
ments, all types of safety devices, etc. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's
own risk. 021023_B
• The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or
sale are prohibited under any applicable laws and regulations. 060106_Q
• The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by impli-
cation or otherwise under any patent or patent rights of TOSHIBA or others. 021023_C
• The products described in this document are subject to the foreign exchange and foreign trade laws. 021023_E
• For a discussion of how the reliability of microcontrollers can be predicted, please refer to Section 1.3 of the chapter entitled Quality and
Reliability Assurance/Handling Precautions. 030619_S
TMP86CM29BUG
1.1 Features
1. 8-bit single chip microcomputer TLCS-870/C series
- Instruction execution time :
0.25
µs (at 16 MHz)
122
µs (at 32.768 kHz)
- 132 types & 731 basic instructions
2. 19interrupt sources (External : 5 Internal : 14)
3. Input / Output ports (39 pins)
Large current output: 4pins (Typ. 20mA), LED direct drive
4. Watchdog Timer
5. Prescaler
- Time base timer
- Divider output function
6. 18-bit Timer/Counter : 1ch
- Timer Mode
- Event Counter Mode
- Pulse Width Measurement Mode
- Frequency Measurement Mode
7. 8-bit timer counter : 4 ch
- Timer, Event counter, Programmable divider output (PDO),
Pulse width modulation (PWM) output,
Product No.
ROM
(MaskROM)
RAM
Package
OTP MCU
Emulation Chip
TMP86CM29BUG
32768
bytes
1536
bytes
LQFP64-P-1010-0.50E
TMP86PM29BUG
TMP86C929AXB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com