Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSO-3530ARH/SAMPLE Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HSO-3530ARH/SAMPLE
Description  Radiation Hardened Programmable Low Power Op Amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSO-3530ARH/SAMPLE Datasheet(HTML) 3 Page - Renesas Technology Corp

  HSO-3530ARH/SAMPLE Datasheet HTML 1Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HS-3530ARH, HS-3530AEH
FN4653 Rev 4.00
Page 3 of 7
Jun 18, 2018
Die Characteristics
DIE DIMENSIONS:
1720µm x 1390µm x 483µm ±25.4µm
(68 mils x 55 mils x 19 mils ±1 mil)
INTERFACE MATERIALS
GLASSIVATION
Type: Silox (SiO2)
Thickness: 8.0kA ±1.0kA
TOP METALLIZATION
Type: AlSiCu
Thickness: 16.0kA ±2kA
SUBSTRATE:
Radiation Hardened Silicon Gate,
Dielectric Isolation
BACKSIDE FINISH:
Silicon
ASSEMBLY RELATED INFORMATION
SUBSTRATE POTENTIAL:
Unbiased (DI)
ADDITIONAL INFORMATION
WORST CASE CURRENT DENSITY:
<2.0 x 105 A/cm2
TRANSISTOR COUNT:
49
Metallization Mask Layout Pin Numbers shown are for the Can Package
HS-3530ARH, HS-3530AEH
OFFSET
(1)
ISET
(8)
NC
V+ (7)
NC
OUTPUT (6)
OFFSET (5)
NC
V- (4)
NC
IN+
(3)
IN-
(2)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com