Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSO-3530ARH/SAMPLE Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HSO-3530ARH/SAMPLE
Description  Radiation Hardened Programmable Low Power Op Amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSO-3530ARH/SAMPLE Datasheet(HTML) 6 Page - Renesas Technology Corp

  HSO-3530ARH/SAMPLE Datasheet HTML 1Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HS-3530ARH, HS-3530AEH
FN4653 Rev 4.00
Page 6 of 7
Jun 18, 2018
Package Outline Drawing
Ceramic Metal Seal Flatpack Packages (Flatpack)
NOTES:
1. Index area: A notch or a pin one identification mark shall be located
adjacent to pin one and shall be located within the shaded area
shown. The manufacturer’s identification shall not be used as a pin
one identification mark. Alternately, a tab (dimension k) may be
used to identify pin one.
2. If a pin one identification mark is used in addition to a tab, the limits
of dimension k do not apply.
3. This dimension allows for off-center lid, meniscus, and glass over-
run.
4. Dimensions b1 and c1 apply to lead base metal only. Dimension M
applies to lead plating and finish thickness. The maximum limits of
lead dimensions b and c or M shall be measured at the centroid of
the finished lead surfaces, when solder dip or tin plate lead finish is
applied.
5. N is the maximum number of terminal positions.
6. Measure dimension S1 at all four corners.
7. For bottom-brazed lead packages, no organic or polymeric materi-
als shall be molded to the bottom of the package to cover the leads.
8. Dimension Q shall be measured at the point of exit (beyond the me-
niscus) of the lead from the body. Dimension Q minimum shall be
reduced by 0.0015 inch (0.038mm) maximum when solder dip lead
finish is applied.
9. Dimensioning and tolerancing per ANSI Y14.5M - 1982.
10. Controlling dimension: INCH.
-D-
-C-
0.004
H A - B
M
D
S
S
-A-
-B-
0.036
H A - B
M
D
S
S
e
E
A
Q
L
A
E1
SEATING AND
L
E2
E3
E3
BASE PLANE
-H-
b
C
S1
M
c1
b1
(c)
(b)
SECTION A-A
BASE
LEAD FINISH
METAL
PIN NO. 1
ID AREA
A
M
D
K10.A MIL-STD-1835 CDFP3-F10 (F-4A, CONFIGURATION B)
10 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.045
0.115
1.14
2.92
-
b
0.015
0.022
0.38
0.56
-
b1
0.015
0.019
0.38
0.48
-
c
0.004
0.009
0.10
0.23
-
c1
0.004
0.006
0.10
0.15
-
D
-
0.290
-
7.37
3
E
0.240
0.260
6.10
6.60
-
E1
-0.280
-7.11
3
E2
0.125
-
3.18
-
-
E3
0.030
-
0.76
-
7
e
0.050 BSC
1.27 BSC
-
k
0.008
0.015
0.20
0.38
2
L
0.250
0.370
6.35
9.40
-
Q
0.026
0.045
0.66
1.14
8
S1
0.005
-
0.13
-
6
M
-
0.0015
-
0.04
-
N10
10
-
Rev. 0 3/07
For the most recent package outline drawing, see K10.A.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com