Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSO-3530ARH/SAMPLE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HSO-3530ARH/SAMPLE
Description  Radiation Hardened Programmable Low Power Op Amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSO-3530ARH/SAMPLE Datasheet(HTML) 5 Page - Renesas Technology Corp

  HSO-3530ARH/SAMPLE Datasheet HTML 1Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HS-3530ARH, HS-3530AEH
FN4653 Rev 4.00
Page 5 of 7
Jun 18, 2018
Package Outline Drawing
Metal Can Packages (Can)
NOTES:
1. (All leads) Øb applies between L1 and L2. Øb1 applies between L2
and 0.500 from the reference plane. Diameter is uncontrolled in L1
and beyond 0.500 from the reference plane.
2. Measured from maximum diameter of the product.
3.
 is the basic spacing from the centerline of the tab to terminal 1 and
is the basic spacing of each lead or lead position (N -1 places)
from
looking at the bottom of the package.
4. N is the maximum number of terminal positions.
5. Dimensioning and tolerancing per ANSI Y14.5M - 1982.
6. Controlling dimension: INCH.
Øb
ØD2
Ø
e
k1
k
Øb1
BASE AND
SEATING PLANE
F
Q
ØD ØD1
L1
L2
REFERENCE PLANE
L
A
Øb2
Øb1
BASE METAL
LEAD FINISH
SECTION A-A
A
A
N
e1
CL
2
1
T8.C MIL-STD-1835 MACY1-X8 (A1)
8 LEAD METAL CAN PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.165
0.185
4.19
4.70
-
Øb
0.016
0.019
0.41
0.48
1
Øb1
0.016
0.021
0.41
0.53
1
Øb2
0.016
0.024
0.41
0.61
-
ØD
0.335
0.375
8.51
9.40
-
ØD1
0.305
0.335
7.75
8.51
-
ØD2
0.110
0.160
2.79
4.06
-
e
0.200 BSC
5.08 BSC
-
e1
0.100 BSC
2.54 BSC
-
F
-
0.040
-
1.02
-
k
0.027
0.034
0.69
0.86
-
k1
0.027
0.045
0.69
1.14
2
L
0.500
0.750
12.70
19.05
1
L1
-
0.050
-
1.27
1
L2
0.250
-
6.35
-
1
Q
0.010
0.045
0.25
1.14
-
45o BSC
45o BSC
3
45o BSC
45o BSC
3
N8
8
4
Rev. 0 5/18/94
For the most recent package outline drawing, see T8.C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com