Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSO-3530ARH/SAMPLE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HSO-3530ARH/SAMPLE
Description  Radiation Hardened Programmable Low Power Op Amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSO-3530ARH/SAMPLE Datasheet(HTML) 1 Page - Renesas Technology Corp

  HSO-3530ARH/SAMPLE Datasheet HTML 1Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp HSO-3530ARH/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FN4653 Rev 4.00
Page 1 of 7
Jun 18, 2018
FN4653
Rev 4.00
Jun 18, 2018
HS-3530ARH, HS-3530AEH
Radiation Hardened Programmable Low Power Op Amps
DATASHEET
The HS-3530ARH and HS-3530AEH are low power operational
amplifiers, which are internally compensated monolithic
devices offering a wide range of performance specifications.
Parameters such as power dissipation, slew rate, bandwidth,
noise, and input DC parameters are programmed by selecting
an external resistor or current source. Supply voltages as low
as ±3V may be used with little degradation of AC performance.
Operation from -55°C to +125°C is ensured.
A major advantage of the HS-3530ARH, HS-3530AEH is that
operating characteristics remain virtually constant over a wide
supply range (±3V to ±15V), allowing the amplifiers to offer
maximum performance in almost any system, including
battery operated equipment. A primary application for these
devices is in active filtering and conditioning for a wide variety
of signals that differ in frequency and amplitude. By
modulating the set current, they can be used for designs such
as current controlled oscillators/modulators, sample and hold
circuits, and variable active filters.
Related Literature
For a full list of related documents, visit our website
• HS-3530ARH, HS-3530AEH product pages
Features
• Radiation performance
- Single event latch-up . . . . . . . . . Immune (RSG DI Process)
- High dose rate (50-300rad(Si)/s). . . . . . . . . . . 300krad(Si)
- Low dose rate (0.01rad(SI)/s) . . . . . . . . . . . . . . 50krad(Si)
• Wide range AC programming
- Slew rate . . . . . . . . . . . . . . . . . . . . . . . . . . 0.025 to 0.1V/µs
- Gain X bandwidth. . . . . . . . . . . . . . . . . . . 30kHz to 750kHz
• Wide range DC programming
- Power supply range . . . . . . . . . . . . . . . . . . . . ±3.0V to ±15V
• Supply current . . . . . . . . . . . . . . . . . . . . . . . . . 15µA to 150µA
• Output current . . . . . . . . . . . . . . . . . . . . . . . 0.25mA to 2.5mA
• Quiescent power. . . . . . . . . . . . . . . . . . . . . . . . . . 4.8mW (max)
• Dielectrically isolated device islands
• Short-circuit protection
• Full -55°C to +125°C military temperature range
• Electrically screened to SMD 5962-95687


Similar Part No. - HSO-3530ARH/SAMPLE

ManufacturerPart #DatasheetDescription
logo
TEMEX
HSO-14 TEMEX-HSO-14 Datasheet
609Kb / 4P
Specific request can be addressed to RAKON
More results

Similar Description - HSO-3530ARH/SAMPLE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3530ARH INTERSIL-HS-3530ARH Datasheet
29Kb / 2P
Radiation Hardened Programmable Low Power Op Amp
1999 03
HS-3530RH INTERSIL-HS-3530RH Datasheet
106Kb / 12P
Low Power, Radiation Hardened Programmable Operational Amplifier
1995 08
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
Radiation Hardened CMOS Programmable Interval Timer
August 1995
logo
M.S. Kennedy Corporatio...
MSK106RH MSK-MSK106RH Datasheet
449Kb / 9P
RADIATION HARDENED HIGH POWER OP-AMP
logo
List of Unclassifed Man...
UA776 ETC1-UA776 Datasheet
513Kb / 10P
PROGRAMMABLE SINGLE OP-AMPs
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
Radiation Hardened CMOS Programmable Interval Timer
August 2000
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
Radiation Hardened CMOS Programmable Peripheral Interface
August 2000
HS-3530ARH INTERSIL-HS-3530ARH_12 Datasheet
181Kb / 2P
Radiation Hardened Programmable Low Power Op Amps
logo
Anaren Microwave
MSK106RH ANAREN-MSK106RH Datasheet
474Kb / 8P
RADIATION HARDENED HIGH POWER OP-AMP
logo
Renesas Technology Corp
HS-82C54RH RENESAS-HS-82C54RH Datasheet
948Kb / 17P
Radiation Hardened CMOS Programmable Interval Timer
Aug 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com