Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACMS23P06V8-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # ACMS23P06V8-HF
Description  MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACMS23P06V8-HF Datasheet(HTML) 3 Page - Comchip Technology

  ACMS23P06V8-HF Datasheet HTML 1Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 2Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 3Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 4Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 5Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Comchip Technology CO., LTD.
Page 3
REV:A
MOSFET
Typical Rating and Characteristic Curves (ACMS23P06V8-HF)
AQW-JTR114
Fig.4 - Body-Diode Characteristics
0
Fig.1 - Typical Output Characteristics
Drain-Source Voltage, -VDS (V)
0
4
5
2
0
60
Fig.3 - On-Resistance vs. Gate-Source
Voltage
30
Fig.2 - On-Resistance vs.
Drain Current and Gate Voltage
0
10
50
0.3
0.6
0.9
1.5
1.2
Gate-Source Voltage, -VGS (V)
8
4
10
80
20
10
30
30
6
Source-Drain Voltage, -VSD (V)
20
0
0
3
1
10
20
40
Fig.5 - Normalized On-Resistance vs.
Junction Temperature
Fig.6 - Transfer Characteristics
6
0
0
4
2
25
-75
0
-25
-50
175
75
50
Junction Temperature, TJ (°C)
2.2
0.6
1.2
Gate-Source Voltage, -VGS (V)
2.0
1.0
Drain Current, -ID (A)
40
2
0
40
50
20
10
30
0
40
60
100 125 150
20
10
30
40
50
5
3
1
50
VGS= -3V
VGS= -3.5V
VGS= -4V
VGS= -4.5V
VGS= -5V
-6V~-10V
30
10
20
40
50
VGS= -4.5V
VGS= -10V
60
70
ID= -18A
150°C
25°C
-55°C
50
150°C
25°C
-55°C
1.8
0.8
1.4
1.6
VGS= -4.5V, ID= -12A
VGS= -10V, ID= -18A
VDS= -10V
150°C
25°C
-55°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com