Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACMS23P06V8-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # ACMS23P06V8-HF
Description  MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACMS23P06V8-HF Datasheet(HTML) 4 Page - Comchip Technology

  ACMS23P06V8-HF Datasheet HTML 1Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 2Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 3Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 4Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 5Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Comchip Technology CO., LTD.
Page 4
REV:A
MOSFET
AQW-JTR114
Fig.7 - Capacitance Characteristics
Drain-Source Voltage, -VDS (V)
0
10
20
10000
Fig.8 - Gate Charge Characteristics
0
Total Gate Charge, QG (nC)
25
0
20
10
1000
100
30
40
60
Fig.10 - Normalized VGS(th) vs.
Junction Temperature
Junction Temperature, TJ (°C)
0.6
1.2
0.8
1.0
0.5
1.1
0.7
0.9
Fig.9 - Normalized Breakdown Voltage
vs. Junction Temperature
25
-75
0
-25
-50
175
75
50
Junction Temperature, TJ (°C)
1.15
0.9
1.05
1.1
1.0
100 125 150
50
3.5
0.5
1.5
3.0
1.0
2.5
2.0
4.5
4.0
15
5
25
-75
0
-25
-50
175
75
50
100 125 150
0.95
Fig.11 - Safe Operating Area
100
0.1
10
1
Drain-Source Voltage, -VDS (V)
1000
100
10
1
0.1
Typical Rating and Characteristic Curves (ACMS23P06V8-HF)
Coss
Crss
f=1MHz
Ciss
VDS= -12V, ID= -12A
ID= -250µA
ID= -250µA
TC=25°C
=tp/T=0.01
δ
100ms
10ms
1ms
100µs
tp=10µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com