Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACMS23P06V8-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACMS23P06V8-HF
Description  MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACMS23P06V8-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACMS23P06V8-HF Datasheet HTML 1Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 2Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 3Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 4Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 5Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RoHS Device
Halogen Free
ACMS23P06V8-HF
Comchip Technology CO., LTD.
AQW-JTR114
Page 1
REV:A
MOSFET
P-Channel
Features
Maximum Ratings (at TA=25°C unless otherwise noted)
Drain-source voltage
Gate-source voltage
Symbol
Parameter
VDS
VGS
Value
IDM
Unit
V
V
A
A
Operating junction temperature range
Storage temperature range
TJ
TSTG
°C
°C
-60
±20
-7.7
25
-55 to +150
-55 to +150
Pulsed drain current (tp=10µs, TC=25°C)
Single pulse avalanche energy
(Note 3)
EAS
-160
mJ
Continuous drain current (TC=25°C)
Continuous drain current (TC=100°C)
ID
-23
ID
-15
RθJA
°C/W
Thermal resistance junction to air
(Note 1)
RθJC
Thermal resistance junction to case
°C/W
Power dissipation (TC=25°C)
PD
W
5
Dimensions in inches and (millimeter)
PDFN3x3-8L
0.033(0.85)
0.026(0.65)
0.030(0.75)
0.022(0.55)
0.008(0.20)
0.004(0.10)
0.122(3.10)
0.114(2.90)
0.136(3.45)
0.124(3.15)
0.100(2.55)
0.093(2.35)
0.122(3.10)
0.114(2.90)
0.016(0.40)
0.008(0.20)
0.075(1.90)
0.059(1.50)
0.008(0.20)
0.016(0.40)
0.008(0.20)
0.016(0.40)
0.043(1.10)
0.028(0.70)
0.000(0.00)
0.004(0.10)
0.000(0.00)
0.004(0.10)
S
S
S
G
D
D
D
D
Circuit Diagram
- G : Gate
- S : Source
- D : Drain
D
D
D
D
S
S
S
G
Mechanical data
- Case: PDFN3x3-8L, molded plastic.
- Terminals: Matte tin plated leads, solderability
per MIL-STD-202, method 208.
ID
Continuous drain current (TA=25°C)
Continuous drain current (TA=70°C)
-6.2
ID
62.9
Power dissipation (TA=25°C)
(Note 1)
PD
W
2.3
55
- AEC-Q101 Qualified.
- Super low gate charge.
- Advanced high cell density technology.
- Excellent Cdv/dt effect decline.


Similar Part No. - ACMS23P06V8-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACMS2304T-HF COMCHIP-ACMS2304T-HF Datasheet
497Kb / 6P
MOSFET
REV:A
ACMS2312-HF COMCHIP-ACMS2312-HF Datasheet
537Kb / 6P
MOSFET
REV:A
ACMS23N06H8-HF COMCHIP-ACMS23N06H8-HF Datasheet
525Kb / 6P
MOSFET
REV:A
More results

Similar Description - ACMS23P06V8-HF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com