Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACMS23P06V8-HF Datasheet(PDF) 5 Page - Comchip Technology

Part # ACMS23P06V8-HF
Description  MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACMS23P06V8-HF Datasheet(HTML) 5 Page - Comchip Technology

  ACMS23P06V8-HF Datasheet HTML 1Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 2Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 3Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 4Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 5Page - Comchip Technology ACMS23P06V8-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Comchip Technology CO., LTD.
Page 5
REV:A
MOSFET
Reel Taping Specification
Trailer
Device
Leader
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
200mm (min)
160mm (min)
SYMBOL
(mm)
(inch)
A
B
C
d
D
D1
D2
E
1.50 + 0.10
− 0.00
330.00 ± 1.00
1.75 ± 0.10
0.059 + 0.004
− 0.000
12.992 ± 0.039
0.069 ± 0.004
SYMBOL
(mm)
(inch)
F
P0
P1
P
W
W1
5.50 ± 0.05
8.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
0.217 ± 0.002 0.315 ± 0.004 0.157 ± 0.004
0.079 ± 0.002
PDFN3x3
-8L
3.60 ± 0.10
0.142 ± 0.004
3.60 ± 0.10
0.142 ± 0.004
1.20 ± 0.10
0.047 ± 0.004
100.00 ± 1.00
3.937 ± 0.039
13.00 ± 0.20
0.512 ± 0.008
12.00 + 0.30
− 0.10
0.472 + 0.012
− 0.004
17.80 ± 0.30
0.701 ± 0.012
D
D1
D2
W1
T
0.25 ± 0.02
0.010 ± 0.001
A
B
C
d
E
F
P0
P1
P
W
T
PDFN3x3
-8L
AQW-JTR114



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com