Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA3208 Datasheet(PDF) 19 Page - Microchip Technology

Part # ATMEGA3208
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA3208 Datasheet(HTML) 19 Page - Microchip Technology

Back Button ATMEGA3208 Datasheet HTML 15Page - Microchip Technology ATMEGA3208 Datasheet HTML 16Page - Microchip Technology ATMEGA3208 Datasheet HTML 17Page - Microchip Technology ATMEGA3208 Datasheet HTML 18Page - Microchip Technology ATMEGA3208 Datasheet HTML 19Page - Microchip Technology ATMEGA3208 Datasheet HTML 20Page - Microchip Technology ATMEGA3208 Datasheet HTML 21Page - Microchip Technology ATMEGA3208 Datasheet HTML 22Page - Microchip Technology ATMEGA3208 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
Symbol(2)
Description
Condition
Min.
Typ.
Max.
Unit
INT15V
INT25V
INT055V
INT11V
INT15V
INT25V
INT43V
Internal reference voltage
VDD=[1.8V, 5.5V]
T=[-40 - 125]°C
-5.0
5.0
Note: 
1.
These values are based on characterization and not covered by production test limits.
2.
The symbols INTxxV refer to the respective values of the AC0REFSEL bit field in the VREF.CTRLA
register.
5.11
ADC
5.11.1
Internal Reference Characteristics
Operating conditions:
•
VDD = 1.8 to 5.5V
•
Temperature = -40°C to 125°C
•
DUTYCYC = 25%
•
CLKADC = 13 * fADC
•
SAMPCAP is 10 pF for 0.55V reference, while it is set to 5 pF for VREF≥1.1V
•
Applies for all allowed combinations of VREF selections and Sample Rates unless otherwise noted
Table 5-20. Power Supply, Reference, and Input Range
Symbol
Description
Conditions
Min.
Typ.
Max.
Unit
VDD
Supply voltage
CLKADC ≤ 1.5 MHz
1.8
-
5.5
V
CLKADC > 1.5 MHz
2.7
-
5.5
VREF
Reference voltage
REFSEL = Internal reference
0.55
-
VDD-0.5
V
REFSEL = External reference
1.1
VDD
REFSEL = VDD
1.8
-
5.5
CIN
Input capacitance
SAMPCAP=5 pF
-
5
-
pF
SAMPCAP=10 pF
-
10
-
VIN
Input voltage range
0
-
VREF
V
IBAND
Input bandwidth
1.1V≤VREF
-
-
57.5
kHz
ATmega3208/4808 – 32-pin Data Sheet
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com