Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA3208 Datasheet(PDF) 38 Page - Microchip Technology

Part # ATMEGA3208
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA3208 Datasheet(HTML) 38 Page - Microchip Technology

Back Button ATMEGA3208 Datasheet HTML 34Page - Microchip Technology ATMEGA3208 Datasheet HTML 35Page - Microchip Technology ATMEGA3208 Datasheet HTML 36Page - Microchip Technology ATMEGA3208 Datasheet HTML 37Page - Microchip Technology ATMEGA3208 Datasheet HTML 38Page - Microchip Technology ATMEGA3208 Datasheet HTML 39Page - Microchip Technology ATMEGA3208 Datasheet HTML 40Page - Microchip Technology ATMEGA3208 Datasheet HTML 41Page - Microchip Technology ATMEGA3208 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
GPIO Pull-Up Characteristics
Figure 6-29. I/O Pin Pull-Up Resistor Current vs. Input Voltage (VDD=1.8V)
0.0
0.3
0.5
0.8
1.0
1.3
1.5
1.8
2.0
0
5
10
15
20
25
30
35
40
45
50
Pull-up resistor current [µA]
Temperature [°C]
-40
-20
0
25
70
85
105
125
Figure 6-30. I/O Pin Pull-Up Resistor Current vs. Input Voltage (VDD=3.0V)
1.0
1.3
1.5
1.8
2.0
2.3
2.5
2.8
3.0
0
5
10
15
20
25
30
35
40
45
50
Pull-up resistor current [µA]
Temperature [°C]
-40
-20
0
25
70
85
105
125
ATmega3208/4808 – 32-pin Data Sheet
Typical Characteristics
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com