Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA3208 Datasheet(PDF) 23 Page - Microchip Technology

Part # ATMEGA3208
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA3208 Datasheet(HTML) 23 Page - Microchip Technology

Back Button ATMEGA3208 Datasheet HTML 19Page - Microchip Technology ATMEGA3208 Datasheet HTML 20Page - Microchip Technology ATMEGA3208 Datasheet HTML 21Page - Microchip Technology ATMEGA3208 Datasheet HTML 22Page - Microchip Technology ATMEGA3208 Datasheet HTML 23Page - Microchip Technology ATMEGA3208 Datasheet HTML 24Page - Microchip Technology ATMEGA3208 Datasheet HTML 25Page - Microchip Technology ATMEGA3208 Datasheet HTML 26Page - Microchip Technology ATMEGA3208 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
Symbol Description
Condition
Min. Typ. Max. Unit
VOFF
Input Offset Voltage, Low Power
Mode
0.7V<VIN<(VDD-0.7V)
TBD ±10 TBD mV
VIN=[0V, VDD]
-
±30 -
Input Offset Voltage, High-speed
Mode
0.7V<VIN<(VDD-0.7V)
TBD ±5
TBD
VIN=[-0.2V, VDD]
-
±20 -
IL
Input Leakage Current
-
5
-
nA
TSTART Start-up Time
-
1.3
-
µs
VHYS
Hysteresis, High-speed mode
HYSMODE=0x0
-
0
-
mV
HYSMODE=0x1
-
10
-
HYSMODE=0x2
-
25
-
HYSMODE=0x3
-
50
-
tPD
Propagation Delay
25 mV Overdrive, VDD≥2.7V, High
speed mode
-
50
-
ns
25 mV Overdrive, VDD≥2.7V, Low
Power Mode
-
150 -
5.13
UPDI Timing
UPDI Enable Sequence
Symbol
Description
Min.
Max.
Unit
TRES
Duration of Handshake/Break on RESET
10
200
µs
TUPDI
Duration of UPDI.txd=0
10
200
µs
TDeb0
Duration of Debugger.txd=0
0.2
1
µs
TDebZ
Duration of Debugger.txd=z
200
14000
µs
ATmega3208/4808 – 32-pin Data Sheet
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com