Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA3208 Datasheet(PDF) 30 Page - Microchip Technology

Part # ATMEGA3208
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA3208 Datasheet(HTML) 30 Page - Microchip Technology

Back Button ATMEGA3208 Datasheet HTML 26Page - Microchip Technology ATMEGA3208 Datasheet HTML 27Page - Microchip Technology ATMEGA3208 Datasheet HTML 28Page - Microchip Technology ATMEGA3208 Datasheet HTML 29Page - Microchip Technology ATMEGA3208 Datasheet HTML 30Page - Microchip Technology ATMEGA3208 Datasheet HTML 31Page - Microchip Technology ATMEGA3208 Datasheet HTML 32Page - Microchip Technology ATMEGA3208 Datasheet HTML 33Page - Microchip Technology ATMEGA3208 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
6.1.4
Supply Currents in Standby Mode
Figure 6-13.  Standby Mode Supply Current vs. VDD (RTC running with internal OSCULP32K)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vdd [V]
Temperature [°C]
-40
-20
0
25
70
85
105
125
Figure 6-14.  Standby Mode Supply Current vs. VDD (Sampled BOD running at 125 Hz)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vdd [V]
Temperature [°C]
-40
-20
0
25
70
85
105
125
ATmega3208/4808 – 32-pin Data Sheet
Typical Characteristics
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com