Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2/09R1 Datasheet(PDF) 10 Page - Pentair Equipment Protection - Hoffman

Part # 2/09R1
Description  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/09R1 Datasheet(HTML) 10 Page - Pentair Equipment Protection - Hoffman

Back Button 2/09R1 Datasheet HTML 6Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 7Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 8Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 9Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 10Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 11Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 12Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 13Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 14Page - Pentair Equipment Protection - Hoffman Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
10
1614 AWG Vinyl Insulated Ring with Copper Support Sleeve
Material: Tin Plated Copper with Butted Seam
Insulation Material: Blue PVC Vinyl with Funnel Entry Copper Support Sleeve
Maximum Electrical Current: 30 Amps
Barrel ID (d1): .091
Maximum Electrical Rating: 75°C, 600V
Barrel OD (D): .197
Material Thickness (T): .031
Barrel Length (E): .413
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
F
L
FVD1614-3
4
.126
.260
.165
.720
Y
1000
3V1614
YNM2210D
FVD1614-M3
6
.146
.260
.248
.783
Y
1000
3V1614
YNM2210D
FVD1614-M4
8
.169
.260
.248
.783
Y
1000
3V1614
YNM2210D
FVD1614-4
8
.169
.335
.307
.878
Y
1000
3V1614
YNM2210D
FVD1614-M5
10
.209
.335
.307
.878
Y
1000
3V1614
YNM2210D
FVD1614-5
10
.209
.374
.287
.878
Y
1000
3V1614
YNM2210D
FVD1614-6
1/4
.252
.472
.433
1.075
Y
1000
3V1614
YNM2210D
FVD1614-8
5/16
.331
.472
.433
1.075
Y
1000
3V1614
YNM2210D
FVD1614-9
3/8
.413
.535
.547
1.220
Y
1000
3V1614
YNM2210D
FVD1614-13
1/2
.512
.756
.630
1.413
Y
1000
3V1614
YNM2210D
1210 AWG Vinyl Insulated Ring with Copper Support Sleeve
Material: Tin Plated Copper with Butted Seam
Insulation Material: Yellow PVC Vinyl with Funnel Entry Copper Support Sleeve
Maximum Electrical Current: 50 Amps
Barrel ID (d1): .134
Maximum Electrical Rating: 75°C, 600V
Barrel OD (D): .268
Material Thickness (T): .039
Barrel Length (E): .531 J Type: .551
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
F
L
FVD1210-S3
6
.146
.283
.240
.913
Y
500
3V1210
YNM2210D
FVD1210-3/J
4
.126
.374
.327
1.063
Y
500
3V1210
YNT1210S
FVD1210-4/J
8
.169
.374
.327
1.063
Y
500
3V1210
YNT1210S
FVD1210-S4
8
.169
.283
.240
.913
Y
500
3V1210
YNM2210D
FVD1210-4
8
.169
.374
.358
1.067
Y
500
3V1210
YNM2210D
FVD1210-5
10
.209
.374
.358
1.067
Y
500
3V1210
YNM2210D
FVD1210-6/J
1/4
.252
.472
.512
1.229
Y
500
3V1210
YNT1210S
FVD1210-S6/J
1/4
.252
.520
.354
1.165
Y
500
3V1210
YNT1210S
FVD1210-6
1/4
.252
.472
.413
1.181
Y
500
3V1210
YNM2210D
FVD1210-8
5/16
.331
.591
.531
1.358
Y
500
3V1210
YNM2210D
FVD1210-9
3/8
.413
.591
.531
1.358
Y
500
3V1210
YNM2210D
FVD1210-13
1/2
.512
.756
.630
1.539
Y
NA
NA
YNM2210D
RING TERMINALS
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com