Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2/09R1 Datasheet(PDF) 14 Page - Pentair Equipment Protection - Hoffman

Part # 2/09R1
Description  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/09R1 Datasheet(HTML) 14 Page - Pentair Equipment Protection - Hoffman

Back Button 2/09R1 Datasheet HTML 10Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 11Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 12Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 13Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 14Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 15Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 16Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 17Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 18Page - Pentair Equipment Protection - Hoffman Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
14
RING TERMINALS
4 AWG Nylon Insulated Ring
Material: Tin Plated Copper with Butted Seam
Insulation Material: Yellow 6/6 Nylon
Maximum Electrical Current: 125 Amps
Barrel ID(d1): .303
Maximum Electrical Rating: 105°C, 600V
Barrel OD (D): .512
Material Thickness (T): .067
Barrel Length (E): .945
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
F
L
FN4S5
10
.209
.480
.594
1.780
Y
NA
NA
111
FN46
1/4
.252
.650
.531
1.791
Y
NA
NA
111
FN48
5/16
.331
.650
.531
1.791
Y
NA
NA
111
FN49
3/8
.413
.650
.531
1.791
Y
NA
NA
111
FN413
1/2
.453
.866
.776
2.146
Y
NA
NA
111
2 AWG Nylon Insulated Ring
Material: Tin Plated Copper with Butted Seam
Insulation Material: Red 6/6 Nylon
Maximum Electrical Current: 170 Amps
Barrel ID(d1): .370
Maximum Electrical Rating: 105°C, 600V
Barrel OD (D): .571
Material Thickness (T): .071
Barrel Length (E): 1.063
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
F
L
FN2S5
10
.209
.602
.685
2.047
Y
NA
NA
111
FN2S6
1/4
.252
.602
.685
2.047
Y
NA
NA
111
FN2S8
5/16
.331
.602
.685
2.047
Y
NA
NA
111
FN2S9
3/8
.413
.602
.685
2.047
Y
NA
NA
111
FN29
3/8
.413
.866
.697
2.193
Y
NA
NA
111
FN213
1/2
.512
.866
.697
2.193
Y
NA
NA
111
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com