Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2/09R1 Datasheet(PDF) 11 Page - Pentair Equipment Protection - Hoffman

Part # 2/09R1
Description  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/09R1 Datasheet(HTML) 11 Page - Pentair Equipment Protection - Hoffman

Back Button 2/09R1 Datasheet HTML 7Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 8Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 9Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 10Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 11Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 12Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 13Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 14Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 15Page - Pentair Equipment Protection - Hoffman Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
11
RING TERMINALS
Nylon Insulated Ring Terminals with Support Sleeve
2622 AWG Nylon Insulated Ring with Copper Support Sleeve
Material: Tin Plated Copper with Butted Seam
Insulation Material: Yellow 6/6 Nylon with Funnel Entry Copper Support Sleeve
Maximum Electrical Current: 9 Amps
Barrel ID (d1): .039
Maximum Electrical Rating: 75°C, 600V
Barrel OD (D): .098
Material Thickness (T): .0197
Barrel Length (E): .327
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
F
L
FND2622-2/J
2
.126
.205
.228
.657
Y
NA
NA
YNT2622
FND2622-3.7/J
4
.126
.205
.228
.657
Y
NA
NA
YNT2622
FND2622-M3/J
6
.146
.205
.228
.657
Y
NA
NA
YNT2622
FND2622-4/J
8
.169
.260
.303
.760
Y
NA
NA
YNT2622
2216 AWG Nylon Insulated Ring with Copper Support Sleeve
Material: Tin Plated Copper with Butted Seam
Insulation Material: Red 6/6 Nylon with Funnel Entry Copper Support Sleeve
Maximum Electrical Current: 18 Amps
Barrel ID (d1): .067
Maximum Electrical Rating: 105°C, 600V
Barrel OD (D): .177
Material Thickness (T): .030
Barrel Length (E): .433
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
F
L
FND2216-S3
4
.126
.217
.197
.728
Y
1000
3V2216
YNM2210D
FND2216-M3
6
.146
.260
.248
.803
Y
1000
3V2216
YNM2210D
FND2216M4
8
.169
.260
.248
.803
Y
1000
3V2216
YNM2210D
FND2216-4
8
.169
.315
.276
.858
Y
1000
3V2216
YNM2210D
FND2216-5
10
.209
.315
.276
.858
Y
1000
3V2216
YNM2210D
FND2216-6
1/4
.252
.457
.433
1.094
Y
1000
3V2216
YNM2210D
FND2216-8
5/16
.331
.457
.433
1.094
Y
1000
3V2216
YNM2210D
FND2216-9
3/8
.413
.535
.547
.1240
Y
1000
3V2216
YNM2210D
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com