Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2/09R1 Datasheet(PDF) 6 Page - Pentair Equipment Protection - Hoffman

Part # 2/09R1
Description  Non-Insulated Ring Terminals
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Direct Link  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

2/09R1 Datasheet(HTML) 6 Page - Pentair Equipment Protection - Hoffman

Back Button 2/09R1 Datasheet HTML 2Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 3Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 4Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 5Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 6Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 7Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 8Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 9Page - Pentair Equipment Protection - Hoffman 2/09R1 Datasheet HTML 10Page - Pentair Equipment Protection - Hoffman Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
TOC
HOFFMAN PRODUCTS
hoffmanproducts.com • 1-800-645-2014
6
RING TERMINALS
3/0 AWG Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Maximum Electrical Current: 310 Amps
Barrel ID(d1): .571
Material Thickness (T): .091
Barrel OD (D): .768
Barrel Length (E): .787
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
F
L
3/06R1
1/4
.252
1.063
.815
2.134
Y
NA
NA
3/08R1
5/16
.331
1.063
.815
2.134
Y
NA
NA
3/09R1
3/8
.413
1.063
.815
2.134
Y
NA
NA
AK150
3/011R1
7/16
.453
1.063
.815
2.134
Y
NA
NA
3/013R1
1/2
.512
1.063
.815
2.134
Y
NA
NA
3/016R1
5/8
.669
1.260
1.260
2.677
Y
NA
NA
4/0 AWG Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Maximum Electrical Current: 360 Amps
Barrel ID(d1): .646
Material Thickness (T): .106
Barrel OD (D): .870
Barrel Length (E): .827
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
F
L
4/06R1
1/4
.252
1.122
.801
2.189
Y
NA
NA
4/08R1
5/16
.331
1.122
.801
2.189
Y
NA
NA
4/09R1
3/8
.413
1.122
.801
2.189
Y
NA
NA
AK150
4/011R1
7/16
.453
1.122
.801
2.189
Y
NA
NA
4/013R1
1/2
.512
1.122
.801
2.189
Y
NA
NA
4/016R1
5/8
.669
1.260
1.260
2.717
Y
NA
NA
4/019R1
3/4
..827
1.260
1.260
2.717
Y
NA
NA
250/300 MCM Non-Insulated Ring
Material: Tin Plated Copper with Brazed Seam
Maximum Electrical Current: 445 Amps
Barrel ID(d1): .768
Material Thickness (T): .126
Barrel OD (D): 1.047
Barrel Length (E): 1.063
DIMENSIONS (INCHES)
TAPE
DIE FOR
HOFFMAN
STUD
STUD
TONGUE
STUD
LENGTH
MOUNTED
TAPE
HAND TOOL
PART NO.
SIZE
DIAMETER
WIDTH
CLEARANCE
UL
REEL QTY
MOUNTED
d2
W
F
L
1508R1
5/16
.331
1.417
.906
2.599
Y
NA
NA
1509R1
3/8
.413
1.417
.906
2.599
Y
NA
NA
AK150
15011R1
7/16
.453
1.417
.906
2.599
Y
NA
NA
15013R1
1/2
.512
1.417
.906
2.599
Y
NA
NA
15016R1
5/8
.669
1.417
.906
2.599
Y
NA
NA
BACK
BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com