Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE9178GTL+ Datasheet(PDF) 35 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 35 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 31Page - Analog Devices ADE9178GTL+ Datasheet HTML 32Page - Analog Devices ADE9178GTL+ Datasheet HTML 33Page - Analog Devices ADE9178GTL+ Datasheet HTML 34Page - Analog Devices ADE9178GTL+ Datasheet HTML 35Page - Analog Devices ADE9178GTL+ Datasheet HTML 36Page - Analog Devices ADE9178GTL+ Datasheet HTML 37Page - Analog Devices ADE9178GTL+ Datasheet HTML 38Page - Analog Devices ADE9178GTL+ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 35 of 122
ADE9178 DATA PROCESSING FLOW
This section explains the processing done on the ADC data re-
ceived before calculating various parameters.
Current-Channel Data Processing Path
The ADE9178 has three current channels. The datapaths for the
AI, BI, and CI current channels is shown in Figure 46. Write to the
ICONSEL bit in the CONFIG0 register to calculate BI = −AI − CI.
This setting can help to save the cost of a current sensor in some
3-wire delta configurations. Waveform data can be streamed to the
Host MCU directly from the ADC samples or from after the PCF.
WF_SRC[6:5] bits in the WFS_CONFIG register configures which
data is streamed.
Figure 46. Current-Channel Datapath
Voltage-Channel Data Processing Path
The ADE9178 has three voltage channels. The datapaths for the
AV, BV, and CV voltage channels is shown in Figure 47. VCON-
SEL[2:0] field of CONFIG0 register can be used to configure the
channels for different meter configurations such as Wye and Delta.
Same as the current channel, WF_SRC[6:5] bits in the WFS_CON-
FIG register can be used to configure which data is streamed to the
Host MCU.
Figure 47. Voltage-Channel Datapath
Auxiliary-Channel Data Processing Path
The ADE9178 supports six auxiliary channels. This can be used
for various other measurements including neutral current measure-
ments or additional voltages. The datapath for auxiliary channels
are shown in Figure 48. Same as the current and voltage channel,
WF_SRC[6:5] bits in the WFS_CONFIG register can be used to
configure which data is streamed to the Host MCU.
Figure 48. Auxiliary-Channel Datapath
Common-Data Processing Path
Figure 49 shows the common datapath.
Figure 49. Common Datapath
Gain and Offset Compensation
All channels support gain and offset compensation. Separate regis-
ters are provided for each channel
xINP= xINP0+xOS × 1+xGAIN227 (18)
where, xINP0 is the initial input value before applying gain and
offset calibration.
Note that xOS is typically not used for AC metering applications.
For worked examples, see the Calibration Method section.
Calibration Registers Clamp Values
Table 15 shows the range of adjustment for each calibration regis-
ter. Any value that is outside of the ranges given in Table 15 is
clamped to the maximum or minimum value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com