Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE9178GTL+ Datasheet(PDF) 26 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 22Page - Analog Devices ADE9178GTL+ Datasheet HTML 23Page - Analog Devices ADE9178GTL+ Datasheet HTML 24Page - Analog Devices ADE9178GTL+ Datasheet HTML 25Page - Analog Devices ADE9178GTL+ Datasheet HTML 26Page - Analog Devices ADE9178GTL+ Datasheet HTML 27Page - Analog Devices ADE9178GTL+ Datasheet HTML 28Page - Analog Devices ADE9178GTL+ Datasheet HTML 29Page - Analog Devices ADE9178GTL+ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 26 of 122
Note that all data including register values for write, read response,
and status are 32-bit values and sent over the SPI as least signifi-
cant byte (LSByte) first as shown in Figure 38.
Figure 38. ADE9178 Data/Response SPI Frame Format
The command header is also a 32-bit field with 24th bit indicates
if the command is read or write. The format for the write and read
command header is shown in Figure 39 and Figure 40, respectively.
Figure 39. Write Command Header
Figure 40. Read Command Header
Table 10. Command Header Details
Field
Description
ADDR
Address of registers, which need to be accessed.
R/W
1: Read.
0: Write.
Device
0: ADE9178.
1: ADC0 − ADC connected to ADC_MISO pin of the
ADE9178.
2: ADC1 − ADC connected to ADC_MOSI pin of
ADC1.
3: ADC2 − ADC connected to ADC_MOSI pin of
ADC2.
4: ADC3 − ADC connected to ADC_MOSI pin of
ADC3.
5: All ADCs.
NUM Registers
Number of registers to be read. The ADE9178 sends
those many registers starting from the address in the
command header. Note that this must be 1 for write
commands. If the device field of the command is not
ADE9178 (0) , NUM_REGISTER field is ignored and
always two 8-bit registers are returned as response.
For more details, see the ADC SPI section.
In case of error, 4 bytes status code is sent as response for read
and write command.
Table 11 shows the status codes that return.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com