| Electronic Components Datasheet Search |
|
ADE9178GTL+ Datasheet(PDF) 58 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE9178GTL+ Datasheet(HTML) 58 Page - Analog Devices |
|
58 / 122 page ![]() Data Sheet ADE9178 APPLICATIONS INFORMATION analog.com Rev. A | 58 of 122 11. See the following sections to set up other metrology features: a. Total Active Power b. Total Apparent Power c. Line Period Calculation: 1. It is recommended to configure CONFIG0:PERI- OD_AVG_CFG[4:3] to 0x2 to average the period over 16 samples. This reduces the period jitter. d. RMS of One Cycle: 1. It is recommended to configure CON- FIG0:RMSONE_SRC_SEL[11] to 0x1 to use data from before the HPF for the fastest response time. 2. It is recommended to configure CONFIG0:PERI- OD_AVG_CFG[4:3] to 0x2 to average the period over 16 samples. This reduces the period jitter. e. RMS of Half Cycle: 1. It is recommended to configure CON- FIG0:RMSHALF_SRC_SEL[11] to 0x1 to use data from before the HPF for the fastest response time. 2. It is recommended to configure CONFIG0:PERI- OD_AVG_CFG[4:3] to 0x2 to average the period over 16 samples. This reduces the period jitter. f. Peak Detection g. Dip and Swells h. Phase-Sequence Error Detection i. Zero-Crossing Timeout j. Neutral Current Mismatch k. PEN Fault Detection l. Waveform Streaming 12. Enable energy accumulation by setting the EGY_PWR_EN bit in the EP_CFG register to 1. 13. It is recommended to enable CRC check of the configuration registers. For more details, see the CRC of Configuration Reg- isters section. 14. To prevent any changes to the ADE9178 configuration, enable write protection by writing 1 to the CONFIG_LOCK register. For more details, see the Configuration Lock section. 15. After the RUN bit of ADC_CONTROL (set in Step 10 Part d) is set, the output registers update at a frequency shown in Table 26. For more details, see the Output Register Update Rates section. For more detailed information on how to set up the ADE9178 in an EVSE application, refer to the application note, Using ADE9178 for EV Charger Metrology Solution. LAYOUT GUIDELINES For layout guidelines, refer to the application note Using ADE9178 for EV Charger Metrology Solution. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |