Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE9178GTL+ Datasheet(PDF) 36 Page - Analog Devices

Part # ADE9178GTL+
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADE9178GTL+ Datasheet HTML 32Page - Analog Devices ADE9178GTL+ Datasheet HTML 33Page - Analog Devices ADE9178GTL+ Datasheet HTML 34Page - Analog Devices ADE9178GTL+ Datasheet HTML 35Page - Analog Devices ADE9178GTL+ Datasheet HTML 36Page - Analog Devices ADE9178GTL+ Datasheet HTML 37Page - Analog Devices ADE9178GTL+ Datasheet HTML 38Page - Analog Devices ADE9178GTL+ Datasheet HTML 39Page - Analog Devices ADE9178GTL+ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 122 page
background image
Data Sheet
ADE9178
THEORY OF OPERATION
analog.com
Rev. A | 36 of 122
Table 15. Calibration Registers Clamp Values
Feature
Registers1
Range (Register Values)
Range(Real Units)
Channel Gain
xVGAIN, xIGAIN, and AUXyGAIN
−402653184 to 134217728
±2 (Gain)
Channel Offset
xVOS, xIOS, and AUXyOS
±8388608
±8388608 (Codes)
RMS Offset
xVRMSOS, xIRMSOS, AUXyRMSOS,
xVRMSONEOS, xIRMSONEOS,
AUXyRMSONEOS, xVRMSHALFOS,
xIRMSHALFOS, AUXyRMSHALFOS,
ISUMRMSOS, VSUMRMSONEOS, and
VxyRMSONEOS
±2147483648
±2147483648 (Codes). For more details,
see the Root Mean Square (RMS)
Measurement section.
Power Gain
xPGAIN
−402653184 to 134217728
±2 (Gain)
Power Offset
xWATTOS
±134217728
±134217728 (Codes)
Phase Calibration
xVPHCAL, xIPHCAL, AUXy, and PHCAL ±134217728
±4.5 degrees at 50 Hz,
±5.4 degrees at 60 Hz
1 Where, x = A, B, or C, y = 0, 1, 2, 3, 4, or 5, and xy = AB, BC, and AC.
High-Pass Filter (HPF)
The HPF is provided on all the channels to remove DC offsets
for accurate RMS and energy measurements. It is enabled by
default with a corner frequency is 0.625 Hz. To disable the HPF, set
the HPFDIS bit in the CONFIG0 register. The corner frequency is
configured with the HPF_CRN bits in the CONFIG0 register.
Table 16. HPF Corner Gain with 50 Hz Input Signal
HPF_CRN1
f−3 dB Hz
HPF_GAIN
Settling Time to 1% for DC
Step (sec)
Settling Time to 0.1% for DC
Step (Sec)
0
38.7
0.797027686
0.0178
0.0268
1
19.6
0.940985831
0.0363
0.0544
2
9.90
0.987253714
0.0731
0.1097
3
4.97
0.997976919
0.1468
0.2202
4
2.49
0.999733627
0.2942
0.4412
5
1.25
0.999685117
0.5889
0.8833
6 (Default)
0.625
0.999428699
1.1784
1.7675
7
0.313
0.99924257
2.3573
3.5359
1 It is recommended to leave HPF_CRN as default. If HPF_CRN is changed, then a recalibration is required.
Phase Compensation
xPHCAL register is provided to compensate phase errors. By
default, all channels are delayed by one sample (4.5°). It is recom-
mended to keep the voltage channel xVPHCAL as default value
(0) to keep angle between voltages of different phases same. Use
the Equation 19 to calculate the xPHCAL value for a given phase
correction (ϕ)° angle for current with respect to its voltage.
xPHCAL
=sinϕ−ω+sinω
sin2ω−ϕ
×227,
 wℎere
, ω=2π×fLINE× 14000
(19)
Zero Crossing and RMS Source Selection
The output of common processing block goes to feature calcula-
tions. As shown in Figure 49, additional bits are provided to choose
the sources to the following inputs:
►
One-Cycle RMS Input: RMSONE_SRC_SEL bit of CONFIG0
register can be used to configure whether this should be before
or after HPF.
►
Half-cycle RMS Input: RMSHALF_SRC_SEL bit of CONFIG0
register can be used to configure whether this should be before
or after HPF.
►
Zero-Crossing Input: ZX_SRC_SEL bit of CONFIG0 register
selects whether data used in the zero-crossing detection comes
before HPF or after phase compensation.
►
Phase Compensation Output: This goes to power and energy
calculations.
Note that the bits RMS_ONE_SRC_SEL, RMS_HALF_SRC_SEL,
ZX_SRC_SEL, and HPFDIS are common for all channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com