Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70023SEHL/PROTO Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL70023SEHL/PROTO
Description  100V, 60A Enhancement Mode GaN Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70023SEHL/PROTO Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL70023SEHL/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 13Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FN8975 Rev.4.03
Page 10
Mar 28, 2024
ISL70023SEH, ISL73023SEH Datasheet
5.
Die Characteristics
Table 2. Die and Assembly Related Information
Die Information
Dimensions
6050µm x 2300µm (238.19 mils x 90.55 mils)
Thickness: 685µm (26.97 mils)
Table 3. Dimensions
Dimension
Min (µm)
Nominal (µm)
Max (µm)
A
6020
6050
6080
B
2270
2300
2330
c
2047
2050
2053
d
717
720
723
e
210
225
240
f
195
200
205
g
400
400
400
4
2
6
8
101214
16
18
20
22
24
26
28
30
3
1
5
7
9
11
13
15
17
19
21
23
25
27
29
e
g
c
d
f
A
B
685µm
785µm
100µm ±20µm
Pads in Green are the Source
Pads in Orange are the Drain
Pad in Blue is the Gate
Pad in Purple is the Substrate
Color Key:
Solder Bump View
Side View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com