Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70023SEHL/PROTO Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL70023SEHL/PROTO
Description  100V, 60A Enhancement Mode GaN Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70023SEHL/PROTO Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL70023SEHL/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 13Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
FN8975 Rev.4.03
Page 12
Mar 28, 2024
ISL70023SEH, ISL73023SEH Datasheet
7.
Package Outline Drawing
For the most recent package outline drawing, see J4.A.
J4.A
4 Pin 9.0mmx4.7mm Hermetic Surface Mount Package
Rev 0, 2/16
END VIEW
TOP VIEW
BOTTOM VIEW
4.70 ±0.13
9.00 ±0.13
0.70 ±0.08
1.90 ±0.08 (4x)
1.10 ±0.08 (2x)
0.50 ±0.07 (2x)
1.82
0.75 TYPICAL (REF)
5.90 ±0.08 (2x)
SIDE VIEW
0.10 TYPICAL (REF)
0.45 REF.
x45°
PIN #1 INDEX AREA
±0.20
GATE
SUBSTRATE
SOURCE
#1
#2
#4
GATE
#4
DRAIN
#3
DRAIN
#3
SOURCE
#1
NOTES:
1. The corner shape (radius, chamfer, etc.) may vary at the manufacturers option from that shown on the drawing.
2. The package thickness dimension is the package height before being solder dipped.
3. Dimensions are in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com