Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72026ASEHVF Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL72026ASEHVF
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026ASEHVF Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL72026ASEHVF Datasheet HTML 1Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 2Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 3Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 4Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 5Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 6Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 7Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 8Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
FN8861 Rev. 1.00
Page 5 of 28
Jul 27, 2017
ISL72026ASEH
1. Overview
1.2
Pin Configuration
1.4
Equivalent Input and Output Schematic Diagrams
ISL72026ASEH
(8 Ld Ceramic Flatpack)
Top View
1.3
Pin Descriptions
Pin
Number
Pin
Name
Function
1
D
CAN driver digital input. A Low bus state is Dominant and a High bus state is Recessive. Internally tied High.
2
GND
Ground connection.
3
VCC
System power supply input (3.0V to 3.6V). The typical voltage for the device is 3.3V.
4
R
CAN Data Receiver Output. A Low bus state is Dominant and a High bus state is Recessive.
5
LBK
A HIGH on this pin places the CANH and CANL pins in a high impedance state. The rest of the circuit remains
active so that the TX and RX can loopback diagnostic information. Internally tied LOW.
6
CANL
CAN bus line for low level output.
7
CANH
CAN bus line for high level output.
8
RS
A resistor to GND from this pin controls the rise and fall time of the CAN output waveform. Drive RS HIGH to put
the device into Listen mode.
Figure 3. CANH and CANL Inputs
Figure 4. CANH Output
Figure 5. CANL Output
D
GND
VCC
R
RS
CANH
CANL
LBK
8
7
6
5
2
3
4
1
Note: The package lid is
tied to ground.
VCC
30V
INPUT
GND
2k
7k
4k
35k
VCC
30V
OUTPUT
GND
30V
OUTPUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com