Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72026ASEHVF Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL72026ASEHVF
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026ASEHVF Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL72026ASEHVF Datasheet HTML 14Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 15Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 16Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 17Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 18Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 19Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 20Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 21Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
FN8861 Rev. 1.00
Page 18 of 28
Jul 27, 2017
ISL72026ASEH
3. Typical Performance Curves
Figure 38. Transmitter Rise and Fall Times vs
Temperature at Slow Speed
Figure 39. Driver Output Current vs Differential Output
Voltage
Figure 40. Driver Output Current vs Short-Circuit
Voltage vs Temperature
Figure 41. Driver Output Current vs Short-Circuit
Voltage vs Temperature
CL = 15pF, TA = +25°C; unless otherwise specified. (Continued)
TEMPERATURE (°C)
0
100
200
300
400
500
600
-55
-35
-15
5
25
45
65
85
105
125
RS = 50kΩ, RDIFF = 60Ω
RISE, VCC = 3.6V
FALL, VCC = 3V
RISE, VCC = 3V
FALL, VCC = 3.6V
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
DIFFERENTIAL OUTPUT VOLTAGE (V)
3.3
+85 °C
RDIFF = 20Ω
RDIFF = 30Ω
RDIFF = 60Ω
RDIFF = 120Ω
+125 °C
+25 °C
-150
-100
-50
0
50
100
150
-20
-15
-10
-5
0
5
10
15
20
BUS VOLTAGE (V)
VCC = 3V, D = GND
CANL
CANH
+25 °C
-55 °C
-55 °C
+125 °C
+25 °C
+125 °C
BUS VOLTAGE (V)
-200
-150
-100
-50
0
50
100
150
-20
-15
-10
-5
0
5
10
15
20
VCC = 3.6V, D = GND
CANL
CANH
+25 °C
-55 °C
-55 °C
+125 °C
+25 °C
+125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com