Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72026ASEHVF Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL72026ASEHVF
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026ASEHVF Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL72026ASEHVF Datasheet HTML 8Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 9Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 10Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 11Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 12Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 13Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 14Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 15Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
FN8861 Rev. 1.00
Page 12 of 28
Jul 27, 2017
ISL72026ASEH
2. Specifications
Figure 15. Receiver Voltage Definitions
Figure 16. Receiver Test Circuit
Figure 17. Receiver Test Measurement Points
Table 3. Differential Input Voltage Threshold Test
Input
Output
Measured
VCANH
VCANL
R
VDIFF
-6.1V
-7V
L
900mV
12V
11.1V
L
900mV
-1V
-7V
L
6V
12V
6V
L
6V
-6.5V
-7V
H
500mV
12V
11.5V
H
500mV
-7V
-1V
H
6V
6V
12V
H
6V
Open
Open
H
X
CANH
CANL
R
GND
VCANH
VCANL
VDIFF
VO
CANH
CANL
R
GND
VIN
1.5V
15pF
VO
VIN = 125kHz, Duty Cycle 50%, tr = tf = 6ns, ZO = 50Ω
CL INCLUDES TEST SETUP CAPACITANCE
tPLH
90%
50%
10%
50%
tPHL
VIN
VO
VOH
VOL
2.9V
1.5V
2.2V
tr
tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com