Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72026ASEHVF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL72026ASEHVF
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026ASEHVF Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL72026ASEHVF Datasheet HTML 1Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 2Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 3Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 4Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 5Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 6Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 7Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 8Page - Renesas Technology Corp ISL72026ASEHVF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
FN8861 Rev. 1.00
Page 1 of 28
Jul 27, 2017
FN8861
Rev. 1.00
Jul 27, 2017
ISL72026ASEH
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
DATASHEET
The Intersil ISL72026ASEH is a radiation tolerant, 3.3V
CAN transceivers that is compatible with the
ISO11898-2 standard for applications calling for
Controller Area Network (CAN) serial communication in
satellites and aerospace communications and telemetry
data processing in harsh industrial environments.
This device can transmit and receive at bus speeds up to
5Mbps. It can drive a 40m cable at 1Mbps per the
ISO11898-2 specification. The device is designed to
operate over a common mode range of -7V to +12V, with
a maximum of 120 nodes. The device has three discrete
selectable driver rise/fall time options, a Listen mode
feature, and loopback test capability.
The Receiver (Rx) inputs feature a “full fail-safe” design,
which ensures a logic high Rx output if the Rx inputs are
floating, shorted, or terminated but undriven.
The ISL72026ASEH is available in an 8 Ld hermetic
ceramic flatpack and die form that operate across the
temperature range of -55°C to +125°C.
Other CAN transceivers available are the
ISL72027ASEH and ISL72028ASEH. For a list of
differences between these devices, see Table 1 on page 4.
Applications
• Satellites and aerospace communications
• Telemetry data processing
• High-end industrial environments and harsh
environments
Related Literature
• For a full list of related documents, visit our website
• ISL72026ASEH product page
Features
• Electrically screened to SMD 5962-15228
• ESD protection on all pins: 4kV HBM
• Compatible with ISO11898-2
• Operating supply range: 3.0V to 3.6V
• Bus pin fault protection to ±20V
• Undervoltage lockout
• Cold spare: powered down devices/nodes do not
affect active devices operating in parallel
• Three selectable driver rise and fall times:
• Fast speed (RS = 0V) - edges and propagation
delays optimized for a data rate of 1Mbps
• Medium speed (RS = 10kΩ) - edges and
propagation delays optimized for a data rate of
500kbps
• Slow Speed (RS = 50kΩ) - edges and propagation
delays optimized for a data rate of 250kbps
• Glitch free bus I/O during power-up and power-down
• Full fail-safe (open, short, terminated/undriven)
receiver
• Hi-Z input allows for 120 nodes on the bus
• High data rates: up to 5Mbps
• Quiescent supply current: 7mA (max)
• Listen mode supply current: 2mA (max)
• -7V to +12V common mode input voltage range
• 5V tolerant logic inputs
• Thermal shutdown
• Acceptance tested to 75krad(Si) (LDR)
wafer-by-wafer
• Radiation tolerance
• SEL/B immune to LETTH: 86.4MeV•cm2/mg
• Low dose rate (0.01rad(Si)/s): 75krad(Si)


Similar Part No. - ISL72026ASEHVF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL72026BSEH RENESAS-ISL72026BSEH Datasheet
898Kb / 20P
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
Jan 10, 2020
ISL72026BSEHEVAL1Z RENESAS-ISL72026BSEHEVAL1Z Datasheet
898Kb / 20P
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
Jan 10, 2020
ISL72026BSEHF/PROTO RENESAS-ISL72026BSEHF/PROTO Datasheet
898Kb / 20P
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
Jan 10, 2020
ISL72026BSEHVF RENESAS-ISL72026BSEHVF Datasheet
898Kb / 20P
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
Jan 10, 2020
ISL72026BSEHVX RENESAS-ISL72026BSEHVX Datasheet
898Kb / 20P
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
Jan 10, 2020
More results

Similar Description - ISL72026ASEHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL72026SEH INTERSIL-ISL72026SEH Datasheet
847Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Loopback
November 9, 2015
ISL72027SEH INTERSIL-ISL72027SEH Datasheet
863Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Split Termination Output
November 9, 2015
ISL72028SEH INTERSIL-ISL72028SEH Datasheet
846Kb / 19P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Low Power Shutdown, Split Termination Output
November 9, 2015
logo
Renesas Technology Corp
ISL71026M RENESAS-ISL71026M Datasheet
956Kb / 32P
3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
March 26, 2018
ISL72026BSEH RENESAS-ISL72026BSEH Datasheet
898Kb / 20P
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
Jan 10, 2020
ISL72026SEH RENESAS-ISL72026SEH Datasheet
992Kb / 18P
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
August 16, 2016
ISL72027BSEH RENESAS-ISL72027BSEH Datasheet
1Mb / 20P
3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
November 30, 2016
ISL72027SEH RENESAS-ISL72027SEH Datasheet
990Kb / 19P
3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
August 16, 2016
ISL72028BSEH RENESAS-ISL72028BSEH Datasheet
1Mb / 20P
3.3V Radiation Tolerant CAN Transceiver, with Low-Power Shutdown, Split Termination Output
November 30, 2016
ISL72028SEH RENESAS-ISL72028SEH Datasheet
979Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, with Low Power Shutdown, Split Termination Output
August 16, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com