Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72026ASEHEVAL1Z Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL72026ASEHEVAL1Z
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026ASEHEVAL1Z Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL72026ASEHEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
FN8861 Rev. 1.00
Page 9 of 28
Jul 27, 2017
ISL72026ASEH
2. Specifications
Receiver Electrical Characteristics
Input Threshold
Voltage (Rising)
VTHR
LBK = 0V, RS = 0V, 10k, 50k, (recessive to
dominant), Figure 17 and Table 3
Full
-
700
900
mV
Input Threshold
Voltage (Falling)
VTHF
LBK = 0V, RS = 0V, 10k, 50k, (dominant to
recessive), Figure 17 and Table 3
Full
500
625
-
mV
Input Hysteresis
VHYS
(VTHR - VTHF), RS = 0V, 10k, 50k, Figure 17 and
Table 3
Full
40
80
-
mV
Listen Mode Input
Threshold Voltage
(Rising)
VTHRLM
RS = VCC, (recessive to dominant), Figure 17
Full
-
650
900
mV
Listen Mode Input
Threshold Voltage
(Falling)
VTHFLM
RS = VCC, (dominant to recessive), Figure 17
Full
325
550
-
mV
Listen Mode Input
Hysteresis
VHYSLM
(VTHR - VTHF), RS = VCC, Figure 17
Full
40
100
-
mV
Receiver Output High
Voltage
VOH
IO = -4mA
Full
2.4
VCC - 0.2
-
V
Receiver Output Low
Voltage
VOL
IO = +4mA
Full
-
0.2
0.4
V
Input Current for CAN
Bus
ICAN
CANH or CANL at 12V, D = 3V, other bus pin at
0V, LBK = RS = 0V
Full
-
470
600
µA
CANH or CANL at 12V, D = 3V, VCC = 0V, other
bus pin at 0V, LBK = RS = 0V
Full
-
170
275
µA
CANH or CANL at -7V, D = 3V, other bus pin at
0V, LBK = RS = 0V
Full
-500
-350
-
µA
CANH or CANL at -7V,D = 3V, VCC = 0V, other
bus pin at 0V, LBK = RS = 0V
Full
-175
-100
-
µA
Input Capacitance
(CANH or CANL)
CIN
Input to GND, D = 3V, LBK = RS = 0V
25
-
35
-
pF
Differential Input
Capacitance
CIND
Input to Input, D = 3V, LBK = RS = 0V
25
-
15
-
pF
Input Resistance
(CANH or CANL)
RIN
Input to GND, D = 3V, LBK = RS = 0V
Full
20
40
50
kΩ
Differential Input
Resistance
RIND
Input to Input, D = 3V, LBK = RS = 0V
Full
40
80
100
kΩ
Supply Current
Supply Current,
Listen Mode
ICC(L)
RS = D = VCC, LBK = 0V, 3.0V ≤ VCC ≤ 3.6V
Full
-
1
2.0
mA
Supply Current,
Dominant
ICC(DOM) D = LBK = RS = 0V, no load, 3.0V ≤ VCC ≤ 3.6V
Full
-
5
7.0
mA
Supply Current,
Recessive
ICC(REC) D = VCC, LBK = RS = 0V, no load,
3.0V ≤ VCC ≤ 3.6V
Full
-
2.6
5.0
mA
Cold Sparing Bus Current
CANH Leakage
Current
IL(CANH)
VCC = 0.2V, CANH = -7V or 12V, CANL = float,
D=VCC, RS = 0V
Full
-25
-4
25
µA
CANL Leakage
Current
IL(CANL)
VCC = 0.2V, CANL = -7V or 12V, CANH = float,
D=VCC, RS = 0V
Full
-25
-4
25
µA
Test Conditions: VCC = 3.0V to 3.6V. Typical values are at TA = +25°C (Note 9); unless otherwise specified (Note 7). Boldface limits
apply across the operating temperature range, -55°C to +125°C and over a total ionizing dose of 75krad(Si) at +25°C with
exposure at a low dose rate of <10mrad(Si)/s. (Continued)
Parameter
Symbol
Test Conditions
Temp
(°C)
Min
(Note 8)
Typ
(Note 9)
Max
(Note 8)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com