Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72026ASEHEVAL1Z Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # ISL72026ASEHEVAL1Z
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026ASEHEVAL1Z Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button ISL72026ASEHEVAL1Z Datasheet HTML 20Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 21Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 22Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 23Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 24Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 25Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 26Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 27Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
FN8861 Rev. 1.00
Page 25 of 28
Jul 27, 2017
ISL72026ASEH
5. Die Characteristics
Table 5. ISL72026ASEH Die Layout X-Y Coordinates
Pad Number
Pad Name
X (µm)
Y (µm)
X
Y
1
DNC
90.0
90.0
901.4
1365.6
2
DNC
90.0
90.0
767.4
1365.6
3
DNC
90.0
90.0
-183.23
1365.6
4
DNC
90.0
90.0
-333.25
1365.6
5
DNC
90.0
90.0
-483.25
1365.6
6
DNC
90.0
90.0
-633.25
1365.6
7
DNC
90.0
90.0
-783.25
1365.6
8
DNC
90.0
90.0
-933.25
1365.6
9
D
110.0
110.0
-931.1
901.85
10
DNC
110.0
110.0
-931.1
563.25
11
GND
110.0
180.0
-931.1
342.25
12
GND_ESD
110.0
110.05
-931.1
119.42
13
VCC
110.0
180.0
-931.1
-115.05
14
DNC
110.0
180.05
-931.1
-371.08
15
R
110.0
180.0
-931.1
-1350.0
16
DNC
90.0
90.0
-711.1
-1394.95
17
DNC
90.0
90.0
-561.1
-1394.95
18
DNC
90.0
90.0
-411.1
-1394.95
19
DNC
90.0
90.0
-261.1
-1394.95
20
DNC
90.0
90.0
-111.1
-1394.95
21
DNC
90.0
90.0
38.9
-1394.95
22
LBK
110.0
110.0
756.9
-1307.3
23
DNC
110.0
180.0
775.3
-1072.3
24
CANL
110.0
180.0
772.1
2.15
25
CANH
110.0
180.05
772.1
343.33
26
RS
110.0
180.0
848.1
1140.6
Note: Origin of coordinates is the center of the die. DNC - Do Not Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com