Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72026ASEHEVAL1Z Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL72026ASEHEVAL1Z
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026ASEHEVAL1Z Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL72026ASEHEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 14Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 15Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 16Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 17Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 18Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 19Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
FN8861 Rev. 1.00
Page 16 of 28
Jul 27, 2017
ISL72026ASEH
3. Typical Performance Curves
Figure 30. Bus Pin Leakage vs ±12V VCM
Figure 31. Bus Pin Leakage vs ±35V VCM
Figure 32. VCC Undervoltage Lockout
Figure 33. Transmitter Propagation Delay and Skew vs
Temperature at Fast Speed
CL = 15pF, TA = +25°C; unless otherwise specified. (Continued)
-600
-400
-200
0
200
400
600
-12
-9
-6
-3
036
9
12
BUS VOLTAGE (V)
VCC = 3V OR 3.6V, RS = GND, D = VCC,
OTHER BUS PIN = GND
+125 °C
+25 °C
-55 °C
BUS VOLTAGE (V)
-15
-10
-5
0
5
10
15
-40
-30
-20
-10
0
10
20
30
40
VCC = 3V OR 3.6V, RS = GND, D = VCC,
OTHER BUS PIN = GND
+125 °C
+25 °C
-55 °C
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VCC SWEEP (V)
100kΩ on R to VCC, RS = D = GND, RDIFF = OPEN
UP
DOWN
0
20
40
60
80
100
120
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
RS = GND, RDIFF = 60Ω
L TO H, VCC = 3V
H TO L, VCC = 3.6V
H TO L, VCC = 3V
SKEW, VCC = 3V
L TO H, VCC = 3.6V
SKEW, VCC = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com