Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72026ASEHEVAL1Z Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL72026ASEHEVAL1Z
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026ASEHEVAL1Z Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL72026ASEHEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 14Page - Renesas Technology Corp ISL72026ASEHEVAL1Z Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
FN8861 Rev. 1.00
Page 11 of 28
Jul 27, 2017
ISL72026ASEH
2. Specifications
2.5
Test Circuits and Waveforms
RS Pin Characteristics
RS Input Current
IRS(H)
RS = 0.75 x VCC
Full
-10
-0.2
-
µA
IRS(L)
VRS = 0V
Full
-450
-125
0
µA
Notes:
7. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground
unless otherwise specified.
8. Parameters with MIN and/or MAX limits are 100% tested at -55°C, +25°C, and +125°C, unless otherwise specified.
9. Typical values are at 3.3V. Parameters with a single entry in the “TYP” column apply to 3.3V. Typical values shown are not
guaranteed.
10. Parameter included in functional testing.
11. Performed during the 100% screening operations over the full operating temperature range. Not performed as part of TCI Group
E and Group C. Radiation characterization testing performed as part of the initial release and any major changes in design.
Figure 10. Driver Test Circuit
Figure 11. Driver Bus Voltage Definitions
Figure 12. Driver Common Mode Circuit
Figure 13. Driver Timing Test Circuit
Figure 14. Driver Timing Measurement Points
Test Conditions: VCC = 3.0V to 3.6V. Typical values are at TA = +25°C (Note 9); unless otherwise specified (Note 7). Boldface limits
apply across the operating temperature range, -55°C to +125°C and over a total ionizing dose of 75krad(Si) at +25°C with
exposure at a low dose rate of <10mrad(Si)/s. (Continued)
Parameter
Symbol
Test Conditions
Temp
(°C)
Min
(Note 8)
Typ
(Note 9)
Max
(Note 8)Unit
CANH
CANL
GND
D
60Ω
V
V
VO(CANH)
VO(CANL)
RECESSIVE
DOMINANT
3V
2.3V
1V
VOD
VO(CANH)
VO(CANL)
CANH
CANL
GND
D
60Ω
V -7V < VCM < 12V
330Ω
330Ω
CANH
CANL
GND
D
60Ω
V VO
±1%
CL
50pF
±20%
VIN
VIN = 125kHz, 0V TO VCC, DUTY CYCLE 50%, tr = tf ≤ 6ns, ZO = 50Ω
CL INCLUDES FIXTURE AND INSTRUMENTATION CAPACITANCE
SCOPE
tPLH
90%
0.9V
10%
0.5V
tPHL
VIN
VO
VDOM
VREC
VCC
0V
0.5 x VCC
tr
tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com