Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72028ASEHVF Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL72028ASEHVF
Description  3.3V Radiation Tolerant CAN Transceiver with Low Power Shutdown and Split Termination Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72028ASEHVF Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL72028ASEHVF Datasheet HTML 10Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 11Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 12Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 13Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 14Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 15Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 16Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 17Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
FN8863 Rev.1.00
Page 14 of 25
Jul 27, 2017
ISL72028ASEH
3. Typical Performance Curves
3.
Typical Performance Curves
VCC = 3.3V, CL = 15pF, TA = +25°C; unless otherwise specified.
Figure 24. Supply Current vs Fast Data Rate vs
Temperature
Figure 25. Supply Current vs Medium Data Rate vs
Temperature
Figure 26. Supply Current vs Slow Data Rate vs
Temperature
Figure 27. Bus Pin Leakage vs VCM at VCC =0V
Figure 28. Bus Pin Leakage vs ±12V VCM
Figure 29. Bus Pin Leakage vs ±35V VCM
0
5
10
15
20
25
100
200
300
400
500
600
700
800
900 1000
DATA RATE (kbps)
-55 °C
+25 °C
+125 °C
RS = GND, RDIFF = 60Ω
100
200
300
400
500
600
700
800
900 1000
DATA RATE (kbps)
0
5
10
15
20
25
-55 °C
+25 °C
RS = 10kΩ, RDIFF = 60Ω
+125 °C
DATA RATE (kbps)
100
200
300
400
500
600
700
800
900 1000
0
5
10
15
20
25
-55 °C
+25 °C
+125 °C
RS = 50kΩ, RDIFF = 60Ω
-100
-50
0
50
100
150
200
-8
-4
0
4
8
12
BUS VOLTAGE (V)
-55 °C
+25 °C
VCC = RS = GND, D = 3V, OTHER BUS PIN = GND
+125 °C
-600
-400
-200
0
200
400
600
-12
-9
-6
-3
0
369
12
BUS VOLTAGE (V)
+125 °C
-55 °C
+25 °C
VCC = 3V OR 3.6V, RS = GND,
D = VCC, OTHER BUS PIN = GND
BUS VOLTAGE (V)
-15
-10
-5
0
5
10
15
-40
-30
-20
-10
0
10
20
30
40
+125 °C
-55 °C
+25 °C
VCC = 3V OR 3.6V, RS = GND,
D = VCC, OTHER BUS PIN = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com