Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72028ASEHVF Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL72028ASEHVF
Description  3.3V Radiation Tolerant CAN Transceiver with Low Power Shutdown and Split Termination Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72028ASEHVF Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL72028ASEHVF Datasheet HTML 12Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 13Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 14Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 15Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 16Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 17Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 18Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 19Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
FN8863 Rev.1.00
Page 16 of 25
Jul 27, 2017
ISL72028ASEH
3. Typical Performance Curves
Figure 36. Transmitter Rise and Fall Times vs
Temperature at Slow Speed
Figure 37. Driver Output Current vs Differential Output
Voltage
Figure 38. Driver Output Current vs Short-Circuit
Voltage vs Temperature
Figure 39. Driver Output Current vs Short-Circuit
Voltage vs Temperature
Figure 40. Receiver Output Current vs Receiver Output
Voltage at VCC =3V
Figure 41. Receiver Output Current vs Receiver Output
Voltage at VCC =3.6V
VCC = 3.3V, CL = 15pF, TA = +25°C; unless otherwise specified. (Continued)
TEMPERATURE (°C)
0
100
200
300
400
500
600
-55
-35
-15
5
25
45
65
85
105
125
RS = 50kΩ, RDIFF = 60Ω
RISE, VCC = 3.6V
FALL, VCC = 3V
RISE, VCC = 3V
FALL, VCC = 3.6V
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
DIFFERENTIAL OUTPUT VOLTAGE (V)
3.3
+125 °C
+85 °C
+25 °C
RDIFF = 20Ω
RDIFF = 30Ω
RDIFF = 60Ω
RDIFF = 120Ω
-150
-100
-50
0
50
100
150
-20
-15
-10
-5
0
5
10
15
20
BUS VOLTAGE (V)
VCC = 3V, D = GND
CANL
CANH
-55 °C
+25 °C
+125 °C
-55 °C
+25 °C
+125 °C
BUS VOLTAGE (V)
-200
-150
-100
-50
0
50
100
150
-20
-15
-10
-5
0
5
101520
VCC = 3.6V, D = GND
CANL
CANH
-55 °C
+25 °C
+125 °C
-55 °C
+25 °C
+125 °C
-40
-30
-20
-10
0
10
20
30
40
50
0
0.5
1.0
1.5
2.0
2.5
3.0
RECEIVER OUTPUT VOLTAGE (V)
VOL
VOH
+125 °C
-55 °C
+25 °C
VCC = 3V
-55 °C
+25 °C
+125 °C
RECEIVER OUTPUT VOLTAGE (V)
-60
-40
-20
0
20
40
60
80
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCC = 3.6V
VOL
VOH
-55 °C
+25 °C
+125 °C
+125 °C
-55 °C
+25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com