Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72028ASEHVF Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ISL72028ASEHVF
Description  3.3V Radiation Tolerant CAN Transceiver with Low Power Shutdown and Split Termination Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72028ASEHVF Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ISL72028ASEHVF Datasheet HTML 13Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 14Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 15Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 16Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 17Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 18Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 19Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 20Page - Renesas Technology Corp ISL72028ASEHVF Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
FN8863 Rev.1.00
Page 17 of 25
Jul 27, 2017
ISL72028ASEH
3. Typical Performance Curves
Figure 42. Receiver Propagation Delay and Skew vs
Temperature
Figure 43. Receiver Rise and Fall Times vs Temperature
Figure 44. Supply Current vs Supply Voltage vs
Temperature
Figure 45. Fast Driver and Receiver Waveforms
Figure 46. Medium Driver and Receiver Waveforms
Figure 47. Slow Driver and Receiver Waveforms
VCC = 3.3V, CL = 15pF, TA = +25°C; unless otherwise specified. (Continued)
0
10
20
30
40
50
60
70
80
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
L TO H, VCC = 3.6V
L TO H, VCC = 3V
H TO L, VCC = 3.6V
H TO L, VCC = 3V
SKEW, VCC = 3.6V
SKEW, VCC = 3V
1.0
1.5
2.0
2.5
3.0
3.5
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (°C)
RISE, VCC = 3V
RISE, VCC = 3.6V
FALL, VCC = 3V FALL, V
CC = 3.6V
0
10
20
30
40
50
60
70
0
1234
56
VCC (V)
+125 °C
+25 °C
-55 °C
0
4
0
TIME (1µs/DIV)
4
0
1
2
3
RS = GND, RDIFF = 60Ω
CANH - CANL
R
D
0
4
0
TIME (1µs/DIV)
4
0
1
2
3
RS = 10kΩ, RDIFF = 60Ω
CANH - CANL
R
D
0
4
0
TIME (1µs/DIV)
4
0
1
2
3
CANH - CANL
R
D
RS = 50kΩ, RDIFF = 60Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com