Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3154BA1C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ZSSC3154BA1C
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3154BA1C Datasheet(HTML) 4 Page - Renesas Technology Corp

  ZSSC3154BA1C Datasheet HTML 1Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 2Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 3Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 4Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 5Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 6Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 7Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 8Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ZSSC3154 Datasheet
R36DS0046ED0160 Rev.1.50
Apr 19, 2024
Page 4
1.
Overview
1.1
Block Diagram
Analog Front-End AFE
Digital Core
Interfaces
External
Temperature
Sensor 1
Sensor
Bridge
Temperature
Sensor Select
Gain
Factor
Off set
Shift
ADC
Mode
Conditioning Coef ficients
Conditioning Calculat ion
Conditioning Formula
I2C
AOUT1
Internal
Temperature
Sensor
MUX
PGA
ADC
EEPROM
CMC
ROM
I2C
DAC
ZACwire
BAMP
BAMP
AOUT2
OWI
(Digit al
Data IO)
External
Temperature
Sensor 2
Diagnostic Fault
Band Mode
RAM
Figure 2. ZSSC3154 Block Diagram
2.
Electrical Characteristics
2.1
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. The ZSSC3154 might not function or be operable above
the recommended operating conditions. Stresses exceeding the absolute maximum ratings might also damage
the device. In addition, extended exposure to stresses above the recommended operating conditions might
affect device reliability. Renesas
does not recommend designing to the “Absolute Maximum Ratings.”
Parameters apply in operating temperature range and without time limitations.
Table 1. Absolute Maximum Ratings
Parameter
Symbol
Conditions
Min
Max
Unit
Supply voltage 1
VDDE
To VSSE
-0.3
7.7
V
Voltage at pins
AOUT1 and AOUT2 1
VAOUT1,
VAOUT2
To VSSE
-0.3
7.7
V
Analog supply voltage 1
VDDA
To VSSA
-0.3
6.5
V
Digital supply voltage 1
VDD
To VSSA
-0.3
6.5
V
Voltage at all analog and digital
pins 1
VAIO,
VDIO
To VSSA
-0.3
VDDA +0.3
V
Storage temperature
TSTG
-55
150
C
1.
Refer to ZSSC3154 Application Note
– Power Management for a description of the protection features.
2.2
Operating Conditions
Table 2. Operating Conditions
Parameter
Symbol
Conditions
Min
Nominal
Max
Unit
Supply voltage 1
VDDE
To VSSE
4.5
5
5.5
V
Power-On-Reset threshold
POR_off
VDDA to VSSA
3.3
4.1
V
Ambient temperature
TAMB
EEPROM programming cycles
specification depends on
temperature (refer to section
Table 4)
-40
125
C
Extended ambient temperature
– part number ZSSC3154BE3R
only
TAMB_E
-40
150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com