Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3154BA1C Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ZSSC3154BA1C
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3154BA1C Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ZSSC3154BA1C Datasheet HTML 12Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 13Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 14Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 15Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 16Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 17Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 18Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 19Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ZSSC3154 Datasheet
R36DS0046ED0160 Rev.1.50
Apr 19, 2024
Page 16
4.
Application Circuits and External Components
4.1
Application Circuit Examples
VCC
GND
VDDA
VSSA
SDA
SCL
VDD
AOUT1
VDDE
VTN1
VBP
VBN
VSSE
VBR_T
VBR_B
AOUT2
AOUT1
AOUT2
Temp. Sensor1
Sensor Bridge
C1
100nF
C3
15nF
C2
100nF
C4
15nF
Temp. Sensor2
VTN2
DFBH
Figure 6. Application Circuit with Two Analog Outputs and Diagnostic Fault Band Level Low
VCC
GND
VDDA
VSSA
SDA
SCL
VDD
AOUT1
VDDE
VTN1
VBP
VBN
VSSE
VBR_T
VBR_B
AOUT2
AOUT1
AOUT2
Temp. Sensor1
Sensor Bridge
C1
100nF
C3
15nF
C2
100nF
C4
15nF
Temp. Sensor2
VTN2
DFBH
Figure 7. Application Circuit with Two Analog Outputs and Diagnostic Fault Band Level High
4.2
External Components
For the application circuit examples, refer to section 4.1.
Table 8. Dimensioning of External Components for the Application Examples
Component
Symbol
Condition
Min
Typical
Max
Unit
Capacitor
C1
Vmax ≥ 10V
100
nF
Capacitor
C2
Vmax ≥ 16V
100
nF
Capacitor
C3
Vmax ≥ 16V
15
nF
Capacitor
C4
Vmax ≥ 16V
15
nF
The capacitor values are examples and must be adapted to the requirements of the application, in particular to
the EMC requirements.
5.
ESD Protection and EMC Specification
All pins have an ESD protection of >2000V according to the Human Body Model (HBM). The VDDE, VSSE,
AOUT1 and AOUT2 pins have an additional ESD protection of >4000V (HBM).
The level of ESD protection has been tested with devices in QFN32 5x5 packages during the product
qualification. The ESD test follows the Human Body Model with 1.5kOhm/100pF based on MIL883, Method
3015.7.
The EMC performance regarding external disturbances as well as EMC emission is documented in the
ZSSC3154 Application Note
– Power Management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com