Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3154BA1C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ZSSC3154BA1C
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3154BA1C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ZSSC3154BA1C Datasheet HTML 3Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 4Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 5Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 6Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 7Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 8Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 9Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 10Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ZSSC3154 Datasheet
R36DS0046ED0160 Rev.1.50
Apr 19, 2024
Page 7
Parameter
Symbol
Conditions
Min
Nominal
Max
Unit
Output signal range
VOUT_RANGE
Ratiometric to
VDAC = VVDDE-VVSSE
0.046
0.954
VDAC
Output slew rate 1
SROUT
CLOAD ≤ 60nF
0.1
V/µs
Output resistance in diagnostic mode
ROUT_DIAG
Diagnostic fault band:
VDFBL < 4% of VDAC
if the DFBH pin is
unconnected;
VDFBH > 96% of VDAC
if the DFBH pin is
connected to VSSA;
VDFBL is the low diagnostic
level and VDFBH is the high
diagnostic level for
indicating faults
150
Ω
Load capacitance 1
CLOAD
C3 + CLOAD_AOUT1 and
C4 + CLOAD_AOUT2
(refer to section 4)
60
nF
DNL
DNLOUT
-0.95
0.95
LSB
INL
INLOUT
Best fit, rDAC = 12-Bit
-40°C
 T
AMB  125°C
-8
8
LSB
INL (Part number ZSSC3154BExxx
only)
INLOUT_150°C
Best fit, rDAC = 12-Bit
125°C < TAMB  150°C
-12
12
LSB
Output leakage current
at 125°C
IOUT_LEAK
In case of power or
ground loss
-25
25
µA
Output leakage current
at 150°C
IOUT_LEAK_150°C
In case of power or
ground loss
-40
40
µA
Internal pull-up current
at pin DFBH to VDDA 1
IDFBH_PULLUP
For diagnostic output LOW
at AOUT1 and AOUT2, do
not connect the DFBH pin.
For diagnostic output HIGH
at AOUT1 and AOUT2,
connect the DFBH pin to
VSSA.
50
µA
System Response
Startup time 1
tSTARTUP
Time to first valid output
after power-on;
fOSC = 2.6MHz;
ROM check disabled
20
ms
Output Update Rate 1, 4
OUR
HB Measurement disabled
0.4
ms
OURHB
HB Measurement enabled
0.6
Response time 1, 4
tRESPONSE
100% input step, HB
disabled
0.8
ms
tRESP_HB
100% input step, HB
enabled
1.2
Bandwidth 1, 4
In comparison to analog
sensor signal conditioners
1
kHz
Failure Messaging Time 4
FMT
HB disabled
10.4
ms
FMTHB
HB enabled
8.6
Ratiometricity error
RE
Maximum error for
VDDE = 5V to 4.5V or
to 5.5V
1000
ppm
Overall failure 2
AFE + ADC
FALL_85°C
-20°C to 85°C
0.5
% FSO 3
FALL_125°C
TAMB = -40°C to 125°C
1.0
% FSO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com