Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3154BA1C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ZSSC3154BA1C
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3154BA1C Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ZSSC3154BA1C Datasheet HTML 2Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 3Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 4Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 5Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 6Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 7Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 8Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 9Page - Renesas Technology Corp ZSSC3154BA1C Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ZSSC3154 Datasheet
R36DS0046ED0160 Rev.1.50
Apr 19, 2024
Page 6
Parameter
Symbol
Conditions
Min
Nominal
Max
Unit
Temperature Measurement
(Refer to section 3.4.3)
Internal temperature diode sensitivity
STTSI
Raw values, without
conditioning calculation
26
38
LSB14
/K
External temperature diode channel
gain
ATSED
Sensor at pins VTN1 or
VTN2
-18
-12
LSB14
/mV
External temperature diode bias
current
ITSED
Sensor at pins VTN1 or
VTN2
10
20
40
A
External temperature diode input
range 1
VTSED
Related to VVBR_T which is
the voltage at the VBR_T
pin; sensor at pins VTN1 or
VTN2
0.2
1.0
V
External temperature resistor channel
gain
ATSER
At VDDE = 5V;
sensor at pins VTN1 or
VTN2
-13
-9
LSB14
/mV
External temperature resistor input
range 1
VTSER
Related to VVBR_T which is
the voltage at the VBR_T
pin; sensor at pins VTN1 or
VTN2
0.3
1.4
V
Sensor Diagnostic Tasks
Sensor connection loss detection
threshold
RSCC_TH
20
100
k
Maximum input capacitance for
sensor connection check with sensor
aging check enabled
CIN_SCC/SAC
1
1.2
nF
Maximum input capacitance for
sensor connection check with sensor
short check enabled
CIN_SCC/SSC
If input capacitance is
greater than 1nF the sensor
connection check high-
capacitor mode must be
enabled.
10
12
nF
Sensor input short detection
threshold
RSSC_TH
50
800
A/D Conversion
(Refer to section 3.8.3)
ADC resolution 1
rADC
14
Bit
DNL 1
DNLADC
fOSC = 2.6MHz; best fit;
complete AFE; VADC_IN
according to
“A/D
Conversion
” settings
0.95
LSB
INL
INLADC
fOSC = 2.6MHz; best fit;
complete AFE; VADC_IN
according to
“A/D
Conversion
” settings
3
8
LSB
ADC input range
VADC_IN
VVBR according to “Supply
Current and System
Operation Conditions
”
settings.
0.1
0.9
VVBR
D/A Conversion and Analog Outputs (Pins AOUT1 and AOUT2)
DAC resolution
rDAC
Analog output;
VOUT = 10% to 90% of VDAC;
VDAC = VVDDE-VVSSE
12
Bit
Output current
sink and source
IOUT_SRC/SINK
Analog output;
VOUT = 10% to 90% of VDAC;
VDAC = VVDDE-VVSSE
1.3
mA
Short circuit current
IOUT_SHORT
AOUT1 or AOUT2 to
VDDE/VSSE
-25
25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com