Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX20AC/SS-G Datasheet(PDF) 34 Page - Parallax Inc

Part # SX20AC/SS-G
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX20AC/SS-G Datasheet(HTML) 34 Page - Parallax Inc

Back Button SX20AC/SS-G Datasheet HTML 30Page - Parallax Inc SX20AC/SS-G Datasheet HTML 31Page - Parallax Inc SX20AC/SS-G Datasheet HTML 32Page - Parallax Inc SX20AC/SS-G Datasheet HTML 33Page - Parallax Inc SX20AC/SS-G Datasheet HTML 34Page - Parallax Inc SX20AC/SS-G Datasheet HTML 35Page - Parallax Inc SX20AC/SS-G Datasheet HTML 36Page - Parallax Inc SX20AC/SS-G Datasheet HTML 37Page - Parallax Inc SX20AC/SS-G Datasheet HTML 38Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 34 of 51
Rev 1.6 11/20/2006
15.12.2.
Pop Operation
When a return instruction is executed the subroutine stack
is popped. Specifically, the contents of Stack 1 are copied
into the program counter and the contents of each stack
level are moved to the next higher level. For example,
Stack 1 receives the contents of Stack 2, etc., until Stack 7
is overwritten with the contents of Stack 8. Stack 8 is left
unchanged, so the contents of Stack 8 are duplicated in
Stack 7.
15.13. Comparison and Conditional Branch
Instructions
The instruction set includes instructions such as
DECSZ fr (decrement file register and skip if zero),
INCSZ fr (increment file register and skip if zero),
SNB bit (bit test file register and skip if bit clear), and
SB bit (bit test file register and skip if bit set). These
instructions will cause the next instruction to be skipped if
the tested condition is true. If a skip instruction is
immediately followed by a PAGE or BANK instruction
(and the tested condition is true) then two instructions are
skipped and the operation consumes three cycles. This is
useful for conditional branching to another page where a
PAGE instruction precedes a JMP. If several PAGE and
BANK instructions immediately follow a skip instruction
then they are all skipped plus the next instruction and a
cycle is consumed for each.
15.14. Logical Instruction
The instruction set contain a full complement of the
logical instructions (AND, OR, Exclusive OR), with the
W register and a selected memory location (using either
direct or indirect addressing) serving as the two operands.
15.15. Shift and Rotate Instructions
The instruction set includes instructions for left or right
rotate-through-carry.
15.16. Complement and SWAP
The device can perform one’s complement operation on
the file register (fr) and W register. The MOV W,<>fr
instruction performs nibble-swap on the fr and puts the
value into the W register.
Table 15-1: Key to Abbreviations and Symbols
Symbol
Description
Symbol
Description
W
Working register
n
Numerical value bit in opcode
fr
File register (memory mapped in range of 00h to FFh)
b
Bit position selector bit in opcode
PC
Lower eight bits of program counter (file register 02h)
.
File register / bit selector separator in assembly instruct.
STATUS
STATUS register (file register 03h)
#
Immediate literal designator in assembly instruction
FSR
File Select Register (file register 04h)
lit
Literal value in assembly language instruction
C
Carry bit in STATUS register (Bit 0)
addr8
8-bit address in assembly language instruction
DC
Digit Carry bit in STATUS register (Bit 1)
addr9
9-bit address in assembly language instruction
Z
Zero bit in STATUS register (Bit 2)
addr12
12-bit address in assembly language instruction
PD
Power Down bit in STATUS register (Bit 3)
/
Logical 1’s complement
TO
Watchdog Timeout bit in STATUS register (Bit 4)
|
Logical OR
PA2:PA0
Page select bits in STATUS register (Bits7:5)
^
Logical exclusive OR
OPTION
OPTION register (not memory mapped)
&
Logical AND
WDT
Watchdog Timer register (not memory-mapped)
<>
Swap high and low nibbles (4-bit segments)
MODE
MODE register (not memory mapped)
<<
Rotate left through carry bit
rx
Port control register pointer (RA, RB, RC)
>>
Rotate right through carry bit
!
Non-memory-mapped register designator
--
Cecrement file register
f
File register address bit in opcode
++
Increment file register
k
Constant value bit in opcode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com